Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 9Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 10Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 11Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 12Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 13Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 14Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 15Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 16Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
13 of 183
3. SIGNAL DESCRIPTION
3.1 Overview/Signal List
This section describes the input and output signals on the DS31256. Signal names follow a convention
that is shown in the Signal Naming Convention table below. Table 3-A lists all the signals, their signal
type, description, and pin location.
Signal Naming Convention
FIRST LETTER
SIGNAL CATEGORY
SECTION
R
Receive Serial Port
3.2
T
Transmit Serial Port
3.2
L
Local Bus
3.3
J
JTAG Test Port
3.4
P
PCI Bus
3.5
Table 3-A. Signal Description
PIN
NAME
TYPE
FUNCTION
V19
JTCLK
I
JTAG IEEE 1149.1 Test Serial Clock
U18
JTDI
I
JTAG IEEE 1149.1 Test Serial Data Input
T17
JTDO
O
JTAG IEEE 1149.1 Test Serial Data Output
W20
JTMS
I
JTAG IEEE 1149.1 Test Mode Select
U19
JTRST
I
JTAG IEEE 1149.1 Test Reset
G20
LA0
I/O
Local Bus Address Bit 0, LSB
G19
LA1
I/O
Local Bus Address Bit 1
F20
LA2
I/O
Local Bus Address Bit 2
G18
LA3
I/O
Local Bus Address Bit 3
F19
LA4
I/O
Local Bus Address Bit 4
E20
LA5
I/O
Local Bus Address Bit 5
G17
LA6
I/O
Local Bus Address Bit 6
F18
LA7
I/O
Local Bus Address Bit 7
E19
LA8
I/O
Local Bus Address Bit 8
D20
LA9
I/O
Local Bus Address Bit 9
E18
LA10
I/O
Local Bus Address Bit 10
D19
LA11
I/O
Local Bus Address Bit 11
C20
LA12
I/O
Local Bus Address Bit 12
E17
LA13
I/O
Local Bus Address Bit 13
D18
LA14
I/O
Local Bus Address Bit 14
C19
LA15
I/O
Local Bus Address Bit 15
B20
LA16
I/O
Local Bus Address Bit 16
C18
LA17
I/O
Local Bus Address Bit 17
B19
LA18
I/O
Local Bus Address Bit 18
A20
LA19
I/O
Local Bus Address Bit 19, MSB
L20
LBGACK
O
Local Bus Grant Acknowledge
H20
LBHE
O
Local Bus Byte High Enable
J20
LCLK
O
Local Bus Clock
K19
LCS
I
Local Bus Chip Select
V20
LD0
I/O
Local Bus Data Bit 0, LSB
U20
LD1
I/O
Local Bus Data Bit 1
T18
LD2
I/O
Local Bus Data Bit 2
T19
LD3
I/O
Local Bus Data Bit 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com