Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 45 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 45 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 41Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 42Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 43Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 44Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 45Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 46Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 47Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 48Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 49Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
45 of 183
The DS31256 has a set of three registers per DS0 channel for each port that determine how each DS0
channel is configured. These three registers are defined in Section 6.3. If the fast (52Mbps) HDLC
engine is enabled on port 0, then HDLC channel 1 is assigned to it. Likewise, HDLC channel 2 is
assigned to the fast HDLC engine on port 1 if it is enabled, and HDLC channel 2 is assigned to the fast
HDLC engine on port 2 if it is enabled.
The DS31256 contains an on-board full-featured BERT capable of generating and detecting both
pseudorandom and repeating serial bit patterns. The BERT function is a shared resource among the 16
ports on the DS31256 and can only be assigned to one port at a time. It can be used in both channelized
and unchannelized applications and at speeds up to 52MHz. In channelized applications, data can be
routed to and from any combination of DS0 channels that are being used on the port. The details on the
BERT function are covered in Section 6.5.
The Layer 1 block also contains a V.54 detector. Each of the 16 ports contains a V.54 loop pattern
detector on the receive side. The device can search for the V.54 loop-up and loop-down patterns in both
channelized and unchannelized applications at speeds up to 10MHz. In channelized applications, the
device can be configured to search for the patterns in any combination of DS0 channels. Section 6.4
describes all of the details on the V.54 detector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com