Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 44 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 44 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 40Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 41Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 42Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 43Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 44Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 45Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 46Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 47Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 48Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
44 of 183
6. LAYER 1
6.1 General Description
Figure 6-1 shows the Layer 1 block. Each of the DS31256’s 16 Layer 1 ports can be configured to
support either a channelized application or an unchannelized application. Users can mix the applications
on the ports as needed. Some or all of the ports can be channelized, while the others can be configured as
unchannelized. A channelized application is defined as one that requires an 8kHz synchronization pulse
to subdivide the serial data stream into a set of 8-bit DS0 channels (also called time slots), which are
time division multiplexed (TDM) one after another. Ports running a channelized application require an
8kHz pulse at the RS and TS signals. An unchannelized application is defined as a synchronous clock
and data interface. No synchronization pulse is required and the RS and TS signals are forced low in this
application. Section 17 contains examples of some various configurations.
In channelized applications, the Layer 1 ports can be configured to operate in one of four modes, as
shown in Table 6-A. Each port is capable of handling one, two, or four T1/E1 data streams. When more
than one T1/E1 data stream is applied to the port, the individual T1/E1 data streams must be TDM into a
single data stream at either a 4.096MHz or 8.192MHz data rate. Since the DS31256 can map any HDLC
channel to any DS0 channel, it can support any form (byte interleaved, frame interleaved, etc.) of TDM
that the application may require. On a DS0-by-DS0 basis, the DS31256 can be configured to process all
8 bits (64kbps), the seven most significant bits (56kbps), or no data.
Table 6-A. Channelized Port Modes
MODE
FUNCTION
T1 (1.544MHz)
N x 64kbps or N x 56kbps; where N = 1 to 24 (one T1 data stream)
E1 (2.048MHz)
N x 64kbps or N x 56kbps; where N = 1 to 32 (one T1 or E1 data stream)
4.096MHz
N x 64kbps or N x 56kbps; where N = 1 to 64 (two T1 or E1 data streams)
8.192MHz
N x 64kbps or N x 56kbps; where N = 1 to 128 (four T1 or E1 data streams)
Each port in the Layer 1 block is connected to a slow HDLC engine. The slow HDLC engine can handle
channelized applications at speeds up to 8.192Mbps and unchannelized applications at speeds of up to
10Mbps. Ports 0 and 1 have the added capability of fast HDLC engines that can only handle
unchannelized applications but at speeds of up to 52MHz.
Each port has an associated receive port control register (RP[n]CR, where n = 0 to 15) and a transmit
port control register (TP[n]CR where n = 0 to 15). These control registers are defined in detail in
Section 6.2. They control all the circuitry in the Layer 1 block with the exception of the Layer 1 state
machine, which is shown in the center of the block diagram (Figure 6-1).
Each port contains a Layer 1 state machine that connects directly to the slow HDLC engine. It prepares
the raw incoming data for the slow HDLC engine and grooms the outgoing data. The Layer 1 state
machine performs a number of tasks that include the following:
Assigning the HDLC channel number to the incoming and outgoing data
Channelized local and network loopbacks
Channelized selection of 64kbps, 56kbps, or no data
Channelized transmits DS0 channel fill of all ones
Routing data to and from the BERT function
Routing data to the V.54 loop pattern detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com