Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS31256_V01 Datasheet HTML 1Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 2Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 3Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 4Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 5Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 6Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 7Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 8Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 183 page
background image
1 of 183
REV: 012506
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS31256 Envoy is a 256-channel HDLC
controller that can handle up to 60 T1 or 64 E1
data streams or two T3 data streams. Each of the
16 physical ports can handle one, two, or four
T1 or E1 data streams. The DS31256 is
composed of the following blocks: Layer 1,
HDLC processing, FIFO, DMA, PCI bus, and
local bus.
There are 16 HDLC engines (one for each port)
that are each capable of operating at speeds up
to 8.192Mbps in channelized mode and up to
10Mbps in unchannelized mode. The DS31256
Envoy also has three fast HDLC engines that
only reside on Ports 0, 1, and 2. They are
capable of operating at speeds up to 52Mbps.
APPLICATIONS
Channelized and Clear-Channel
(Unchannelized) T1/E1 and T3/E3
Routers with Multilink PPP Support
High-Density Frame-Relay Access
xDSL Access Multiplexers (DSLAMs)
Triple HSSI
High-Density V.35
SONET/SDH EOC/ECC Termination
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS31256
0°C to +70°C
256 PBGA
DS31256+
0°C to +70°C
256 PBGA
+Denotes lead-free/RoHS-compliant package.
FEATURES
256 Independent, Bidirectional HDLC
Channels
Up to 132Mbps Full-Duplex Throughput
Supports Up to 60 T1 or 64 E1 Data Streams
16 Physical Ports (16 Tx and 16 Rx) That
Can Be Independently Configured for
Channelized or Unchannelized Operation
Three Fast (52Mbps) Ports; Other Ports
Capable of Speeds Up to 10Mbps
(Unchannelized)
Channelized Ports Can Each Handle One,
Two, or Four T1 or E1 Lines
Per-Channel DS0 Loopbacks in Both
Directions
Over-Subscription at the Port Level
Transparent Mode Supported
On-Board Bit Error-Rate Tester (BERT)
with Automatic Error Insertion Capability
BERT Function Can Be Assigned to Any
HDLC Channel or Any Port
Large 16kB FIFO in Both Receive and
Transmit Directions
Efficient Scatter/Gather DMA Maximizes
Memory Efficiency
Receive Data Packets are Time-Stamped
Transmit Packet Priority Setting
V.54 Loopback Code Detector
Local Bus Allows for PCI Bridging or Local
Access
Intel or Motorola Bus Signals Supported
Backward Compatibility with DS3134
33MHz 32-Bit PCI (V2.1) Interface
3.3V Low-Power CMOS with 5V Tolerant
I/O
JTAG Support IEEE 1149.1
256-Pin Plastic BGA (27mm x 27mm)
Features continued on page 6.
DS31256
256-Channel, High-Throughput
HDLC Controller
www.maxim-ic.com
DEMO KIT AVAILABLE


Similar Part No. - DS31256_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS31256 MAXIM-DS31256 Datasheet
1Mb / 183P
256-Channel, High-Throughput HDLC Controller
REV: 031405
More results

Similar Description - DS31256_V01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20525 INFINEON-PEB20525 Datasheet
3Mb / 252P
2 Channel Serial Optimized Communication Controller for HDLC/PPP
Version 1.2 Sep. 2000
logo
Analog Devices
AD7738 AD-AD7738 Datasheet
407Kb / 28P
8-Channel, High Throughput,
REV.0
logo
Maxim Integrated Produc...
DS31256 MAXIM-DS31256 Datasheet
1Mb / 183P
256-Channel, High-Throughput HDLC Controller
REV: 031405
logo
Intel Corporation
8273 INTEL-8273 Datasheet
1Mb / 33P
PROGRAMMABLE HDLC/SDLC PROTOCOL CONTROLLER
logo
Pericom Semiconductor C...
PT7A6632 PERICOM-PT7A6632 Datasheet
379Kb / 61P
PT7A6632 32-Channel HDLC Controller
logo
Zarlink Semiconductor I...
MV6001 ZARLINK-MV6001 Datasheet
266Kb / 12P
HDLC/DMA CONTROLLER
logo
M/A-COM Technology Solu...
28560-DSH-001-B MA-COM-28560-DSH-001-B Datasheet
3Mb / 274P
HDLC Controller
28560-DSH-001-B MA-COM-28560-DSH-001-B_15 Datasheet
3Mb / 274P
HDLC Controller
logo
NXP Semiconductors
MC92460EC NXP-MC92460EC Datasheet
185Kb / 16P
MC92460 HDLC Controller Hardware Specifications
Rev. 1.0, 5/2002
MC92460 NXP-MC92460 Datasheet
1,012Kb / 2P
MULTICHANNEL HDLC CONTROLLER PERIPHERAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com