Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 37 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 37 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 33Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 34Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 35Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 36Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 37Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 38Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 39Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 40Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 41Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
37 of 183
5.3.2 Status and Interrupt Register Description
Register Name:
SM
Register Description:
Status Master Register
Register Address:
0020h
Bit #
7
6
5
4
3
2
1
0
Name
n/a
n/a
n/a
PPERR
PSERR
SBERT
STCOFA
SRCOFA
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
LBINT
LBE
n/a
n/a
n/a
n/a
n/a
n/a
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bit 0/Status Bit for Change-of-Frame Alignment (SRCOFA). This status bit is set to 1 if one or more of the
receive ports has experienced a COFA event. The host must read the RCOFA bit in the receive port control
registers (RP[n]CR) of each active port to determine which port or ports has seen the COFA. The SRCOFA bit is
cleared when read and is not set again until the one or more receive ports has experienced another COFA. If
enabled through the SRCOFA bit in the interrupt mask for SM (ISM), the setting of this bit causes a hardware
interrupt at the PCI bus through the
PINTA signal pin and also at the LINT if the local bus is in configuration
mode.
Bit 1/Status Bit for Transmit Change-of-Frame Alignment (STCOFA). This status bit is set to 1 if one or more
of the transmit ports has experienced a COFA event. The host must read the TCOFA bit in the transmit port
control registers (TP[n]CR) of each active port to determine which port or ports has seen the COFA. The STCOFA
bit is cleared when read and is not set again until one or more transmit ports has experienced another COFA. If
enabled through the STCOFA bit in the ISM, the setting of this bit causes a hardware interrupt at the PCI bus
through the
PINTA signal pin and also at the LINT if the local bus is in configuration mode.
Bit 2/Status Bit for Change of State in BERT (SBERT). This status bit is set to 1 if there is a major change of
state in the BERT receiver. A major change of state is defined as either a change in the receive synchronization
(i.e., the BERT has gone into or out of receive synchronization), a bit error has been detected, or an overflow has
occurred in either the bit counter or the error counter. The host must read the status bits of the BERT in the BERT
status register (BERTEC0) to determine the change of state. The SBERT bit is cleared when read and is not set
again until the BERT has experienced another change of state. If enabled through the SBERT bit in the ISM, the
setting of this bit causees a hardware interrupt at the PCI bus through the
PINTA signal pin and also at the LINT if
the local bus is in configuration mode.
Bit 3/Status Bit for PCI System Error (PSERR). This status bit is a software version of the PCI bus hardware
pin PSERR. It is set to 1 if the PCI bus detects an address parity error or other PCI bus error. The PSERR bit is
cleared when read and is not set again until another PCI bus error has occurred. If enabled through the PSERR bit
in the ISM, the setting of this bit causes a hardware interrupt at the PCI bus through the
PINTA signal pin and also
at the
LINT if the local bus is in configuration mode. This status bit is also reported in the control/status register in
the PCI configuration registers (Section 10).
Bit 4/Status Bit for PCI System Error (PPERR). This status bit is a software version of the PCI bus hardware
pin PPERR. It is set to 1 if the PCI bus detects parity errors on the PAD and
PCBE buses as experienced or
reported by a target. The PPERR bit is cleared when read and is not set again until another parity error has been
detected. If enabled through the PPERR bit in the interrupt mask for SM (ISM), the setting of this bit causes a
hardware interrupt at the PCI bus through the
PINTA signal pin and also at the LINT if the local bus is in
configuration mode. This status bit is also reported in the control/status register in the PCI configuration registers
(Section 10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com