Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 21Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 22Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 23Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 24Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 25Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 26Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 27Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 28Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
25 of 183
Signal Name:
PINTA
Signal Description:
PCI Interrupt
Signal Type:
Output (open drain)
This active-low (open drain) signal is asserted low asynchronously when the device is requesting attention from
the device driver.
PINTA is deasserted when the device-interrupting source has been serviced or masked. This
signal is updated on the rising edge of PCLK.
3.6 PCI Extension Signals
These signals are not part of the normal PCI bus signal set. There are additional signals that are asserted when the
DS31256 is an initiator on the PCI bus to help users interpret the normal PCI bus signal set and connect them to a
non-PCI environment like an Intel i960-type bus.
Signal Name:
PXAS
Signal Description:
PCI Extension Address Strobe
Signal Type:
Output
This active-low signal is asserted low on the same clock edge as
PFRAME and is deasserted after one clock
period. This signal is only asserted when the device is an initiator. This signal is an output and is updated on the
rising edge of PCLK.
Signal Name:
PXDS
Signal Description:
PCI Extension Data Strobe
Signal Type:
Output
This active-low signal is asserted when the PCI bus either contains valid data to be read from the device or can
accept valid data that is written into the device. This signal is only asserted when the device is an initiator. This
signal is an output and is updated on the rising edge of PCLK.
Signal Name:
PXBLAST
Signal Description:
PCI Extension Burst Last
Signal Type:
Output
This active-low signal is asserted on the same clock edge as
PFRAME is deasserted and is deasserted on the same
clock edge as
PIRDY is deasserted. This signal is only asserted when the device is an initiator. This signal is an
output and is updated on the rising edge of PCLK.
3.7 Supply and Test Signal Description
Signal Name:
TEST
Signal Description:
Factory Test Input
Signal Type:
Input (with internal 10kΩ pullup)
This input should be left open-circuited by the user.
Signal Name:
VDD
Signal Description:
Positive Supply
Signal Type:
n/a
3.3V (±10%). All VDD signals should be connected together.
Signal Name:
VSS
Signal Description:
Ground Reference
Signal Type:
n/a
All VSS signals should be connected to the local ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com