Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 98 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 98 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 94Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 95Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 96Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 97Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 98Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 99Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 100Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 101Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 102Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
98 of 183
The host reads from the receive done queue to find which data buffers and their associated descriptors
are ready for processing.
The receive done queue is circular. A set of internal addresses within the device that are accessed by the
host and the DMA keep track of the queue’s addresses. On initialization, the host configures all the
registers, as shown in Table 9-F. After initialization, the DMA only writes to (changes) the write pointer
and the host only writes to the read pointer.
Empty Case
The receive done queue is considered empty when the read and write pointers are identical.
Receive Done-Queue Empty State
empty descriptor
empty descriptor
empty descriptor
read pointer >
empty descriptor
< write pointer
empty descriptor
empty descriptor
empty descriptor
Full Case
The receive done queue is considered full when the read pointer is ahead of the write pointer by one
descriptor. Therefore, one descriptor must always remain empty.
Receive Done-Queue Full State
valid descriptor
valid descriptor
empty descriptor
< write pointer
read pointer >
valid descriptor
valid descriptor
valid descriptor
valid descriptor
Table 9-F. Receive Done-Queue Internal Address Storage
REGISTER
NAME
ADDRESS
Receive Done-Queue Base Address 0 (lower word)
RDQBA0
0730h
Receive Done-Queue Base Address 1 (upper word)
RDQBA1
0734h
Receive Done-Queue DMA Write Pointer
RDQWP
0740h
Receive Done-Queue Host Read Pointer
RDQRP
073Ch
Receive Done-Queue End Address
RDQEA
0738h
Receive Done-Queue FIFO Flush Timer
RDQFFT
0744h
Note: Receive done-queue end address is not an absolute address. The absolute end address is “Base + RDQEA x 4.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com