Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 62 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 62 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 58Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 59Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 60Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 61Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 62Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 63Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 64Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 65Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 66Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
62 of 183
Register Name:
BERTC0
Register Description:
BERT Control Register 0
Register Address:
0500h
Bit #
7
6
5
4
3
2
1
0
Name
n/a
TINV
RINV
PS2
PS1
PS0
LC
RESYNC
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
IESYNC
IEBED
IEOF
n/a
RPL3
RPL2
RPL1
RPL0
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bit 0/Force Resynchronization (RESYNC). A low-to-high transition forces the receive BERT synchronizer to
resynchronize to the incoming data stream. This bit should be toggled from low to high whenever the host wishes
to acquire synchronization on a new pattern. It must be cleared and set again for a subsequent resynchronization.
Note: Bits 2, 3, and 4 must be set, minimum of 64 system clock cycles, before toggling the resync bit (bit 0).
Bit 1/Load Bit and Error Counters (LC). A low-to-high transition latches the current bit and error counts into
the host accessible registers BERTBC and BERTEC and clears the internal count. This bit should be toggled from
low to high whenever the host wishes to begin a new acquisition period. Must be cleared and set again for
subsequent loads.
Bit 2/Pattern Select Bit 0 (PS0); Bit 3/Pattern Select Bit 1 (PS1); Bit 4/Pattern Select Bit 2 (PS2)
000 = pseudorandom pattern 2E7 - 1
001 = pseudorandom pattern 2E11 - 1
010 = pseudorandom pattern 2E15 - 1
011 = pseudorandom pattern QRSS (2E20 - 1 with a 1 forced, if the next 14 positions are 0)
100 = repetitive pattern
101 = alternating word pattern
110 = illegal state
111 = illegal state
Bit 5/Receive Invert Data Enable (RINV)
0 = do not invert the incoming data stream
1 = invert the incoming data stream
Bit 6/Transmit Invert Data Enable (TINV)
0 = do not invert the outgoing data stream
1 = invert the outgoing data stream
Bit 8/Repetitive Pattern Length Bit 0 (RPL0); Bit 9/Repetitive Pattern Length Bit 1 (RPL1);
Bit 10/Repetitive Pattern Length Bit 2 (RPL2); Bit 11/Repetitive Pattern Length Bit 3 (RPL3). RPL0 is the
LSB and RPL3 is the MSB of a nibble that describes the how long the repetitive pattern is. The valid range is 17
(0000) to 32 (1111). These bits are ignored if the receive BERT is programmed for a pseudorandom pattern. To
create repetitive patterns less than 17 bits in length, the user must set the length to an integer number of the desired
length that is less than or equal to 32. For example, to create a 6-bit pattern, the user can set the length to 18 (0001)
or 24 (0111) or 30 (1101).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com