Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 97 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 97 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 93Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 94Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 95Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 96Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 97Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 98Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 99Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 100Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 101Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
97 of 183
9.2.4 Done Queue
The DMA writes to the receive done queue when it has filled a free data buffer with packet data and has
loaded the associated packet descriptor with all the necessary information. The descriptor location is
indicated through a 16-bit pointer that the host uses with the receive descriptor base address to find the
exact 32-bit address of the associated receive descriptor.
Figure 9-7. Receive Done-Queue Descriptor
dword 0
V
EOF
Status(3)
BUFCNT(3)
HDLC Channel (8)
Descriptor Pointer (16)
Note 1: The organization of the done queue is not affected by the enabling of Big Endian.
Note 2: Descriptor pointer is an index, not an absolute address.
dword 0; Bits 0 to 15/Descriptor Pointer. This 16-bit value is the offset from the receive descriptor base
address of a receive packet descriptor that has been readied by the DMA and is available for the host to begin
processing. Note: This is an index, not an absolute address.
dword 0; Bits 16 to 23/HDLC Channel Number. This is an HDLC channel number, which can be from 1 to
256.
00000000 (00h) = HDLC channel number 1
11111111 (FFh) = HDLC channel number 256
dword 0; Bits 24 to 26/Buffer Count (BUFCNT). If an HDLC channel has been configured to only write to
the done queue after a packet has been completely received (i.e., the threshold field in the receive DMA
configuration RAM is set to 000), then BUFCNT is always set to 000. If the HDLC channel has been
configured through the threshold field to write to the done queue after a programmable number of buffers
(from 1 to 7) has been filled, then BUFCNT corresponds to the number of buffers that have been written to
host memory. The BUFCNT is less than the threshold field value when the incoming packet does not require
the number of buffers specified in the threshold field.
000 = indicates that a complete packet has been received (only used when threshold = 000)
001 = 1 buffer has been filled
010 = 2 buffers have been filled
111 = 7 buffers have been filled
dword 0; Bits 27 to 29/Packet Status. These three bits report the final status of an incoming packet. They are
only valid when the EOF bit is set to 1 (EOF = 1).
000 = no error, valid packet received
001 = receive FIFO overflow (remainder of the packet discarded)
010 = CRC checksum error
011 = HDLC frame abort sequence detected (remainder of the packet discarded)
100 = nonaligned byte count error (not an integral number of bytes)
101 = long frame abort (max packet length exceeded; remainder of the packet discarded)
110 = PCI abort (remainder of the packet discarded)
111 = reserved state (never occurs in normal device operation)
dword 0; Bit 30/End of Frame (EOF). This bit is set to 1 when this receive descriptor is the last one in the
current descriptor chain. This indicates that a packet has been fully received or an error has been detected,
which has caused a premature termination.
dword 0; Bit 31/Valid Done-Queue Descriptor (V). This bit is set to 0 by the receive DMA. Instead of
reading the receive done-queue read pointer to locate completed done-queue descriptors, the host can use this
bit, since the DMA sets the bit to 0 when it is written into the queue. If the latter scheme is used, the host must
set this bit to 1 when the done queue descriptor is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com