Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 5Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 6Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 7Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 8Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 9Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 10Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 11Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 12Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
9 of 183
which are called “large” and “small” but that can be set to any size up to 8188 bytes. The user has the
option to store the incoming data either, only in the large buffers, only in the small buffers, or fill a small
buffer first and then fill large buffers as needed. The varying buffer storage options allow the user to
make the best use of the available memory and to be able to balance the tradeoff between latency and bus
utilization.
The DMA uses a set of descriptors to know where to store the incoming HDLC packet data and where to
obtain HDLC packet data that is ready to be transmitted. The descriptors are fixed size messages that are
handed back and forth from the DMA to the host. Since this descriptor transfer utilizes bus cycles, the
DMA has been structured to minimize the number of transfers required. For example on the receive side,
the DMA obtains descriptors from the host to know where in the 32-bit address space to place the
incoming packet data. These descriptors are known as free-queue descriptors. When the DMA reads
these descriptors off of the PCI Bus, they contain all the information that the DMA needs to know where
to store the incoming data. Unlike other existing scatter/gather DMA architectures, the DS31256 DMA
does not need to use any more bus cycles to determine where to place the data. Other DMA architectures
tend to use pointers, which require them to go back onto the bus to obtain more information and hence
use more bus cycles.
Another technique that the DMA uses to maximize bus utilization is the ability to burst read and write
the descriptors. The device can be enabled to read and write the descriptors in bursts of 8 or 16 instead of
one at a time. Since there is fixed overhead associated with each bus transaction, the ability to burst read
and write descriptors allows the device to share the bus overhead among 8 or 16 descriptor transactions
which reduces the total number of bus cycles needed.
The DMA can also burst up to 256 dwords (1024 bytes) onto the PCI Bus. This helps to minimize bus
cycles by allowing the device to burst large amounts of data in a smaller number of bus transactions that
reduces bus cycles by reducing the amount of fixed overhead that is placed on the bus.
The Local Bus block has two modes of operation. It can be used as either a bridge from the PCI Bus in
which case it is a bus master or it can be used as a configuration bus in which case it is a bus slave. The
bridge mode allows the host on the PCI Bus to access the local bus. The DS31256 maps data from the
PCI Bus to the local bus. In the configuration mode, the local bus is used only to control and monitor the
DS31256 while the HDLC packet data will still be transferred to the host through the PCI Bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com