Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 108 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 108 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 104Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 105Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 106Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 107Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 108Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 109Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 110Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 111Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 112Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
108 of 183
Figure 9-10. Transmit DMA Operation
00h
08h
Done-Queue Descriptors
(circular queue)
04h
Free Desc. Ptr.
CH#5
Status
Free Desc. Ptr.
CH#1
Status
Free Desc. Ptr.
CH#
Status
00h
Pending-Queue Descriptors
(circular queue)
04h
Free Desc. Ptr.
CH#5
PRI
Free Desc. Ptr.
CH#1
PRI
Data Buffer Address
CH #1
EOF
Last Transmitted
Data Buffer
for Channel 1
# Bytes Next Desc. Ptr.
Next Pend. Desc.
PV
CV
unused
unused
Data Buffer Address
CH #1
EOF
2nd Transmitted
Data Buffer
for Channel 1
# Bytes Next Desc. Ptr.
Next Pend. Desc.
PV
CV
unused
unused
Data Buffer Address
CH #1
EOF
1st Transmitted
Data Buffer
for Channel 1
# Bytes Next Desc. Ptr.
Next Pend. Desc.
PV
CV
unused
unused
Data Buffer Address
CH #5
EOF
1st Queued
Data Buffer
for Channel 5
# Bytes Next Desc. Ptr.
Next Pend. Desc.
PV
CV
unused
unused
Data Buffer Address
CH #5
EOF
2nd Queued
Data Buffer
for Channel 5
# Bytes Next Desc. Ptr.
Next Pend. Desc.
PV
CV
unused
unused
Data Buffer Address
CH #5
EOF
Last Queued
Data Buffer
for Channel 5
# Bytes Next Desc. Ptr.
Next Pend. Desc.
PV
CV
unused
unused
Data Buffer Address
CH #1
EOF
Queued
Data Buffer
for Channel 1
# Bytes Next Desc. Ptr.
Next Pend. Desc.
PV
CV
unused
unused
Open Descriptor Space
Available for Use by the Host
Data Buffer Address
CH #5
EOF
Transmitted
Data Buffer
for Channel 5
# Bytes Next Desc. Ptr.
Next Pend. Desc.
PV
CV
unused
unused
08h
0Ch
Free Desc. Ptr.
CH#
PRI
Free Desc. Ptr.
CH#
PRI
Open Descriptor Space
Available for Use by the Host
0Ch
14h
10h
Free Desc. Ptr.
CH#
Status
Free Desc. Ptr.
CH#
Status
Free Desc. Ptr.
CH#
Status
EOF = 0
EOF = 0
EOF = 1
EOF = 0
EOF = 1
EOF = 0
EOF = 0
EOF = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com