Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 139 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 139 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 135Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 136Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 137Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 138Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 139Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 140Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 141Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 142Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 143Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
139 of 183
10.2.2 Status Bits (PCMD0)
The upper word in the PCMD0 register is the status portion, which reports events as they occur. As previously
mentioned, reads of the status portion occur normally but writes are unique in that bits can only be reset (i.e.,
forced to 0). This occurs when 1 is written to a bit position. Writes with a 0 to a bit position have no effect. This
allows individual bits to be reset.
Bits 16 to 20/Reserved. These read-only bits are forced to 0 by the device.
Bit 21/66MHz Capable (66MHz). This read-only bit is forced to 0 by the device to indicate that it is not capable
of running at 66MHz.
Bit 22/User-Definable Features Capable (UDF). This read-only bit is forced to 0 by the device to indicate that it
does not support user-definable features.
Bit 23/Fast Back-to-Back Capable Target (FBBCT). This read-only bit is forced to 1 by the device to indicate
that it is capable of accepting fast back-to-back transactions when the transactions are not from the same agent.
Bit 24/PCI Parity Error Reported (PARR). This read/write bit is set to 1 when the device is a bus master and
detects or asserts the
PPERR signal when the PARC command bit is enabled. This bit can be reset (set to 0) by the
host by writing 1 to this bit.
0 = no parity errors have been detected
1 = parity errors detected
Bits 25, 26/Device Timing Select Bits 0 and 1 (DTS0 and DTS1). These read-only bits are forced to 01b by the
device to indicate that it is capable of the medium timing requirements for the
PDEVSEL signal.
Bit 27/Target Abort Initiated (TABT). This read-only bit is forced to 0 by the device since it does not terminate
a bus transaction with a target abort when the device is a target.
Bit 28/Target Abort Detected by Master (TABTM). This read/write bit is set to 1 when the device is a bus
master and it detects that a bus transaction has been aborted by the target with a target abort. This bit can be reset
(set to 0) by the host by writing 1 to this bit.
Bit 29/Master Abort (MABT). This read/write bit is set to 1 when the device is a bus master and the bus
transaction is terminated with a master abort (except for special cycle). This bit can be reset (set to 0) by the host
by writing 1 to this bit.
Bit 30/PCI System Error Reported (PSE). This read/write bit is set to 1 when the device asserts the
PSERR
signal. This bit can be reset (set to 0) by the host by writing 1 to this bit.
Bit 31/PCI Parity Error Reported (PPE). This read/write bit is set to 1 when the device detects a parity error
(even if parity is disabled through the PARC command bit). This bit can be reset (set to 0) by the host by writing 1
to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com