Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 145 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 145 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 141Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 142Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 143Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 144Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 145Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 146Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 147Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 148Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 149Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
145 of 183
Register Name:
PRCC1
Register Description:
PCI Revision ID/Class Code Register 1
Register Address:
0x108h
LSB
Revision ID (Read Only/Set to 00h)
Class Code (Read Only/Set to 00h)
Class Code (Read Only/Set to 80h)
MSB
Class Code (Read Only/Set to 06h)
Bits 0 to 7/Revision ID. These read-only bits identify the specific device revision, selected by Dallas
Semiconductor.
Bits 8 to 15/Class Code Interface. These read-only bits identify the subclass interface value for the device and
are fixed at 00h. See Appendix D of PCI Local Bus Specification Revision 2.1 for details.
Bits 16 to 23/Class Code Subclass. These read-only bits identify the subclass value for the device and are fixed at
80h, indicating “Other Bridge Device.” See Appendix D of PCI Local Bus Specification Revision 2.1 for details.
Bits 24 to 31/Class Code Base Class. These read-only bits identify the base class value for the device and are
fixed at 06h, which indicate “Bridge Devices.” See Appendix D of PCI Local Bus Specification Revision 2.1 for
details.
Register Name:
PLTH1
Register Description:
PCI Latency Timer/Header Type Register 1
Register Address:
0x10Ch
LSB
Cache Line Size (Read Only/Set to 00h)
Latency Timer (Read Only/Set to 00h)
Header Type (Read Only/Set to 80h)
MSB
BIST (Read Only/Set to 00h)
Bits 0 to 7/Cache Line Size. These read-only bits are forced to 0.
Bits 8 to 15/Latency Timer. These read-only bits are forced to 0 by the device since the device cannot act as a
bus master.
Bits 16 to 23/Header Type. These read-only bits are forced to 80h, which indicate a multifunction device.
Bits 24 to 31/Built-In Self-Test (BIST). These read-only bits are forced to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com