Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 153 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 153 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 149Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 150Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 151Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 152Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 153Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 154Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 155Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 156Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 157Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
153 of 183
11.2 Local Bus Bridge Mode Control Register Description
Register Name:
LBBMC
Register Description:
Local Bus Bridge Mode Control
Register Address:
0040h
Note: This register can only be accessed through the PCI bus and therefore only in the PCI bridge mode. In configuration mode, this register
cannot be accessed. It is set to all zeros upon a hardware reset issued through the
PRST pin. It is not affected by a software reset issued
through the RST control bit in the master reset and ID (MRID) register.
Bit #
7
6
5
4
3
2
1
0
Name
n/a
LBW
LRDY3
LRDY2
LRDY1
LRDY0
LARBE
LCLKE
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
n/a
n/a
n/a
n/a
LAT3
LAT2
LAT1
LAT0
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bit 0/Local Bus Clock Enable (LCLKE)
0 = tri-state the LCLK output signal pin
1 = allow LCLK to appear at the pin
Bit 1/Local Bus Arbitration Enable (LARBE). When enabled, the LHOLD (
LBR), LBGACK, and LHLDA
(
LBG) signal pins are active and the proper arbitration handshake sequence must occur for a proper bus
transaction. When disabled, the LHOLD (
LBR), LBGACK, and LHLDA (LBG) signal pins are deactivated and
bus arbitration on the local bus is not invoked. Also, the arbitration timer is enabled (see the description of the
LAT0 to LAT3 bits) when LARBE is set to 1.
0 = local bus arbitration is disabled
1 = local bus arbitration is enabled
Bit 2/Local Bus Ready Control Bit 0 (LRDY0). LSB
Bit 3/Local Bus Ready Control Bit 1 (LRDY1)
Bit 4/Local Bus Ready Control Bit 2 (LRDY2)
Bit 5/Local Bus Ready Control Bit 3 (LRDY3). MSB. These control bits determine the duration of the local bus
transaction in the PCI bridge mode. The bus transaction can either be controlled through the external
LRDY input
signal or through a predetermined period of 1 to 11 LCLK periods.
0000 = use the
LRDY signal input pin to control the bus transaction
0001 = bus transaction is defined as 1 LCLK period
0010 = bus transaction is defined as 2 LCLK periods
0011 = bus transaction is defined as 3 LCLK periods
0100 = bus transaction is defined as 4 LCLK periods
0101 = bus transaction is defined as 5 LCLK periods
0110 = bus transaction is defined as 6 LCLK periods
0111 = bus transaction is defined as 7 LCLK periods
1000 = bus transaction is defined as 8 LCLK periods
1001 = bus transaction is defined as 9 LCLK periods
1010 = bus transaction is defined as 10 LCLK periods
1011 = bus transaction is defined as 11 LCLK periods
1100 = illegal state
1101 = illegal state
1110 = illegal state
1111 = illegal state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com