Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 183 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 183 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 175Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 176Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 177Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 178Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 179Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 180Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 181Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 182Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 183Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 183 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
183 of 183
Maxim/Dallas Semiconductor cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim/Dallas Semiconductor product.
No circuit patent licenses are implied. Maxim/Dallas Semiconductor reserves the right to change the circuitry and specifications without notice at any time.
Ma x i m In tegra t ed P roduc ts , 1 2 0 S a n Ga brie l D r iv e , Sun n y vale , CA 94 086 40 8 -7 3 7 -76 00
© 2006 Maxim Integrated Products
• Printed USA
The Maxim logo is a registered trademark of Maxim Integrated Products, Inc. The Dallas logo is a registered trademark of Dallas Semiconductor Corp.
17.4 Single T3 with 672 HDLC Channel Support
Figure 17-7 shows an application where a fully channelized T3 line is interfaced to three DS31256s. The
T3 line is demultiplexed by the M13 block and passed to the DS21FF42 and DS21FT42 devices. The T1
framers locate the frame and multiframe boundaries and interface to the DS31256. Aggregating four T1
lines into a single 8.192MHz data stream is not required since the DS31256 has enough physical ports to
support the applicationm, but aggregation could be done to cut down on the number of electrical
connections between the DS31256 and the T1 framers. The T1 lines can be either clear channel or
channelized.
Figure 17-7. T3 Application (672 HDLC Channels)
DS31256
#1
(Supports 10
T1 Lines)
DS21FF42
Four x Four
16-Channel
T1 Framer
DS21FT42
Four x Three
12-Channel
T1 Framer
M13
Interface
1
2
16
Port 0
Port 1
Port 2
Port 3
17
18
28
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port 10
Port 11
Port 12
Port 13
Port 14
Port 15
Port 0
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port 10
Port 11
Port 12
Port 13
Port 14
Port 15
Port 0
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port 10
Port 11
Port 12
Port 13
Port 14
Port 15
DS3112
DS31256
#2
(Supports 10
T1 Lines)
DS31256
#3
(Supports 8
T1 Lines)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com