Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP5043ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 23Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 24Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 25Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 26Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 27Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
ADP5043
Data Sheet
Rev. C | Page 24 of 30
Watchdog Software Considerations
In implementing the watchdog strobe code of the
microprocessor, quickly switching WDI1 low-to-high and
then high-to-low (minimizing WDI1 high time) is desirable
for current consumption reasons. However, a more effective
way of using the watchdog function can be considered.
A low-to-high-to-low WDI1 pulse within a given subroutine
prevents the watchdog from timing out. However, if the sub-
routine becomes stuck in an infinite loop, the watchdog cannot
detect this because the subroutine continues to toggle WDI1. A
more effective coding scheme for detecting this error involves
using a slightly longer watchdog timeout. In the program that
calls the subroutine, WDI1 is set high. The subroutine sets
WDI1 low when it is called. If the program executes without error,
WDI1 is toggled high and low with every loop of the program.
If the subroutine enters an infinite loop, WDI1 is kept low, the
watchdog times out, and the microprocessor is reset (see
Figure 53).
START
SET WDI
HIGH
PROGRAM
CODE
SUBROUTINE
SET WDI
LOW
RETURN
INFINITE LOOP:
WATCHDOG
TIMES OUT
RESET
Figure 53. Watchdog Flow Diagram
The second watchdog, refreshed through the WDI2 pin, is
useful in applications where safety is a very critical factor and
the system must recover from unexpected operations, for example,
a processor stuck in a continuous loop where Watchdog 1 is
kept refreshed or environmental conditions that may unset or
damage the processor port controlling the WDI1 pin. In the
event of a Watchdog 2 timeout, the ADP5043 power cycles all
the supplied rails to guarantee a clean processor start.
PCB LAYOUT GUIDELINES
Poor layout can affect the ADP5043 performance, causing
electro-magnetic interference (EMI) and electromagnetic
compatibility (EMC) problems, ground bounce, and voltage
losses. Poor layout can also affect regulation and stability. A
good layout is implemented using the following guidelines:
Place the inductor, input capacitor, and output capacitor
close to the IC using short tracks. These components carry
high switching frequencies, and large tracks act as antennas.
Route the output voltage path away from the inductor and
SW node to minimize noise and magnetic interference.
Maximize the size of ground metal on the component side
to help with thermal dissipation.
Use a ground plane with several vias connecting to the
component side ground to further reduce noise interference
on sensitive circuit nodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com