Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5043ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 23Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 24Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet
ADP5043
Rev. C | Page 21 of 30
APPLICATIONS INFORMATION
BUCK EXTERNAL COMPONENT SELECTION
Trade-offs between performance parameters such as efficiency
and transient response are made by varying the choice of
external components in the applications circuit, as shown in
Figure 48.
ADP5043
MICROPROCESSOR
VCC
VOUT1
VOUT2
nRSTO
WDI1
RESET
WDI2
VIN1
I/O
I/O
VCORE
VDDIO
Figure 48. Typical Applications Circuit
Inductor
The high switching frequency of the buck regulator of the
ADP5043 allows for the selection of small chip inductors. For
best performance, use inductor values between 0.7 μH and
3 μH. Suggested inductors are shown in Table 11.
The peak-to-peak inductor current ripple is calculated using
the following equation:
L
f
V
V
V
V
I
SW
IN
OUT
IN
OUT
RIPPLE
)
(
where:
fSW is the switching frequency.
L is the inductor value.
The minimum dc current rating of the inductor must be greater
than the inductor peak current. The inductor peak current is
calculated using the following equation:
2
)
(
RIPPLE
MAX
LOAD
PEAK
I
I
I
Table 11. Suggested 1.0 μH Inductors
Vendor
Model
Dimensions
(mm)
ISAT
(mA)
DCR
(mΩ)
Murata
LQM2MPN1R0NG0B
2.0 × 1.6 × 0.9
1400
85
Murata
LQM18FN1R0M00B
1.6 × 0.8 × 0.8
150
26
Taiyo Yuden
CBMF1608T1R0M
1.6 × 0.8 × 0.8
290
90
Coilcraft
EPL2014-102ML
2.0 × 2.0 × 1.4
900
59
TDK
GLFR1608T1R0M-LR
1.6 × 0.8 × 0.8
230
80
Coilcraft
0603LS-102
1.8 × 1.69 × 1.1
400
81
Toko
MDT2520-CN
2.5 × 2.0 × 1.2
1350
85
Inductor conduction losses are caused by the flow of current
through the inductor, which has an associated internal dc
resistance (DCR). Larger sized inductors have smaller DCR,
which may decrease inductor conduction losses. Inductor core
losses are related to the magnetic permeability of the core material.
Because the buck is a high switching frequency dc-to-dc converter,
shielded ferrite core material is recommended for its low core
losses and low EMI.
Output Capacitor
Higher output capacitor values reduce the output voltage
ripple and improve load transient response. When choosing
the capacitor value, it is also important to account for the loss
of capacitance due to output voltage dc bias.
Ceramic capacitors are manufactured with a variety of dielec-
trics, each with a different behavior over temperature and
applied voltage. Capacitors must have a dielectric adequate to
ensure the minimum capacitance over the necessary temper-
ature range and dc bias conditions. X5R or X7R dielectrics with
a voltage rating of 6.3 V or 10 V are highly recommended for
best performance. Y5V and Z5U dielectrics are not recommended
for use with any dc-to-dc converter because of their poor
temperature and dc bias characteristics.
The worst-case capacitance accounting for capacitor variation
over temperature, component tolerance, and voltage is calcu-
lated using the following equation:
CEFF = COUT × (1 − TEMPCO) × (1 − TOL)
where:
CEFF is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, the worst-case temperature coefficient (TEMPCO)
over −40°C to +85°C is assumed to be 15% for an X5R dielectric.
The tolerance of the capacitor (TOL) is assumed to be 10%,
and COUT is 9.2481 μF at 1.8 V, as shown in Figure 49.
Substituting these values in the equation yields
CEFF = 9.2481 μF × (1 − 0.15) × (1 − 0.1) = 7.0747 μF
To guarantee the performance of the buck regulator, it is
imperative that the effects of dc bias, temperature, and
tolerances on the behavior of the capacitors be evaluated
for each application.
0
2
4
6
8
10
12
0123
456
DC BIAS VOLTAGE (V)
Figure 49. Typical Capacitor Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com