Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5043ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Data Sheet
ADP5043
Rev. C | Page 17 of 30
Thermal Protection
In the event that the junction temperature rises above 150°C,
the thermal shutdown circuit turns off the buck and LDO.
Extreme junction temperatures can be the result of high current
operation, poor circuit board design, or high ambient temperature.
A 20°C hysteresis is included in the thermal shutdown circuit
so that if thermal shutdown occurs, the buck and LDO do not
return to normal operation until the on-chip temperature drops
below 130°C. When coming out of thermal shutdown, a soft
start is initiated.
Undervoltage Lockout
To protect against battery discharge, undervoltage lockout
(UVLO) circuitry is integrated in the ADP5043. If the input
voltage on AVIN drops below a typical 2.15 V UVLO threshold,
all channels shut down. In the buck channel, both the power
switch and the synchronous rectifier turn off. When the voltage
on AVIN rises above the UVLO threshold, the part is enabled
once more.
Alternatively, the user can select device models with a UVLO
set at a higher level, suitable for 5 V applications. For these
models, the device hits the turn-off threshold when the input
supply drops to 3.65 V typical.
Enable/Shutdown
The ADP5043 has individual control pins for each regulator. A
logic level high applied to the ENx pin activates a regulator; a
logic level low turns off a regulator.
When regulators are turned off after a Watchdog 2 event (see
the Watchdog 2 Input section), the reactivation of the regulator
occurs with a factory programmed order (see Table 9). The
delay between the regulator activation (tD1, tD2) is 2 ms.
Table 9. ADP5043 Regulators Sequencing
REGSEQ[1:0]
Regulators Sequence (First to Last)
0
0
LDO to buck
0
1
Buck to LDO
1
0
Buck to LDO
1
1
No sequence, all regulators start at same time
BUCK SECTION
The buck uses a fixed frequency and high speed current-mode
architecture. The buck operates with an input voltage of 2.3 V
to 5.5 V.
Control Scheme
The buck operates with a fixed frequency current-mode PWM
control at medium to high loads for high efficiency; operation
shifts to a power save mode (PSM) control scheme at light loads
to lower the regulation power losses. When operating in fixed
frequency PWM mode, the duty cycle of the integrated switch is
adjusted to regulate the output voltage. When operating in PSM at
light loads, the output voltage is controlled in a hysteretic
manner that produces a higher output voltage ripple. During
part of this time, the converter is able to stop switching and
enters an idle mode, which improves conversion efficiency.
PWM Mode
In PWM mode, the buck operates at a fixed frequency of 3 MHz,
set by an internal oscillator. At the start of each oscillator cycle,
the high-side PFET switch is turned on, sending a positive
voltage across the inductor. Current in the inductor increases
until the current sense signal crosses the peak inductor current
threshold that turns off the PFET switch and turns on the low-
side NFET synchronous rectifier. This sends a negative voltage
across the inductor, causing the inductor current to decrease.
The synchronous rectifier stays on for the rest of the cycle. The
buck regulates the output voltage by adjusting the peak inductor
current threshold.
Power Save Mode (PSM)
The buck smoothly transitions to PSM operation when the load
current decreases below the PSM current threshold. When the
buck enters power save mode, an offset is induced in the PWM
regulation level, which makes the output voltage rise. When the
output voltage reaches a level that is approximately 1.5% above
the PWM regulation level, PWM operation is turned off. At this
point, both power switches are off, and the buck enters an idle
state. The output capacitor discharges until the output voltage
falls to the PWM regulation voltage, at which point the device
drives the inductor to make the output voltage rise again to the
upper threshold. This process is repeated while the load current
stays below the PSM current threshold.
PSM Current Threshold
The PSM current threshold is set to 100 mA. The buck employs
a scheme that enables this current to remain accurately con-
trolled, independent of input and output voltage levels. This
scheme also ensures that there is very little hysteresis between
the PSM current threshold for entry to, and exit from, the PSM
mode. The PSM current threshold is optimized for high
efficiency over all load currents.
Short-Circuit Protection
The buck includes frequency foldback to prevent current
runaway with a hard short on the output. When the voltage
at the feedback pin falls below half the target output voltage,
indicating the possibility of a hard short at the output, the
switching frequency is reduced to half the internal oscillator
frequency. The reduction in the switching frequency allows
more time for the inductor to discharge, preventing a runaway
of output current.
Soft Start
The buck has an internal soft start function that ramps the
output voltage in a controlled manner upon startup, thereby
limiting the inrush current. This prevents possible input
voltage drops when a battery or a high impedance power
source is connected to the input of the converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com