Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5043ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ADP5043
Data Sheet
Rev. C | Page 8 of 30
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. EXPOSED PAD SHOULD BE CONNECTED TO AGND.
2. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
THE PIN SHOULD BE LEFT FLOATING.
14
13
12
1
3
4
NC
15 WSTAT
GND
WDI2
11 VOUT1
NC
VIN2
2
VOUT2
EN2
5
nRSTO
ADP5043
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 14
NC
No Connect. Do not connect to this pin. The pin should be left floating.
2
VOUT2
LDO Output Voltage and Sensing Input.
3
VIN2
LDO Input Supply (1.7 V to 5.5 V).
4
EN2
Enable LDO. EN2 = high: turn on the LDO; EN2 = low: turn off the LDO.
5
nRSTO
Open-Drain Reset Output, Active Low.
6
AVIN
Regulators Housekeeping and Supervisory Input Supply (2.3 V to 5.5 V).
7
VIN1
Buck Input Supply (2.3 V to 5.5 V).
8
SW
Buck Switching Node.
9
PGND
Dedicated Power Ground for Buck Regulator.
10
EN1
Enable Buck. EN1 = high: turn on buck; EN1 = low: turn off buck.
11
VOUT1
Buck Sensing Node.
12
WDI2
Watchdog 2 (Long Timeout) Refresh Input from Processor. This pin can be disabled only by a factory option.
13, 16
GND
Connect to the ground plane.
15
WSTAT
Open-Drain Watchdog Timeout Status. WSTAT = high: Watchdog 1 timeout or power-on reset; WSTAT = low:
Watchdog 2 timeout. Auto cleared after one second.
17
MODE
Buck Mode. MODE = high: buck regulator operates in fixed PWM mode; MODE = low: (auto mode) buck
regulator operates in power save mode (PSM) at light load and in constant PWM at higher load.
18
WMOD
Watchdog Mode. WMOD = low: Watchdog 1 normal mode; WMOD = high: Watchdog 1 cannot be disabled by a
three-state condition applied on WDI1. WMOD has an internal 200 kΩ pull-down resistor connected to AGND.
19
WDI1
Watchdog 1 Refresh Input from Processor. If WDI1 is in high-Z and WMOD is low, Watchdog 1 is disabled.
20
MR
Manual Reset Input, Active Low.
EPAD
Exposed Pad. The exposed pad should be connected to analog ground (AGND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com