Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5043ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
ADP5043
Data Sheet
Rev. C | Page 12 of 30
CH1 2.0V/DIV 1MΩ BW 20.0M
CH2 50.0mV/DIV
B
W 20.0M
CH3 500mA/DIV
B
W 20.0M
A CH1
1.56mV
500ns/DIV
200MS/s
5.0ns/pt
2
3
1
VOUTx
ISW
SW
Figure 21. Typical Waveforms, VOUT1 = 1.8 V, IOUT1 = 30 mA, PWM Mode
CH1 20.0mV/DIV
B
W 20.0M
CH2 200mA/DIV 1MΩ BW 20.0M
CH3 2.0V/DIV
1MΩ BW 20.0M
A CH1
2.4mV
200ns/DIV
500MS/s
2.0ns/pt
1
2
3
VOUTx
ISW
SW
Figure 22. Typical Waveforms, VOUT1 = 3.3 V, IOUT1 = 30 mA, PWM Mode
CH1 3V/DIV
B
W 20.0M
CH2 50mV/DIV
B
W 20.0M
CH3 900mV/DIV 1MΩ BW 20.0M
A CH3
4.79V
100µs/DIV
10.0MS/s
100ns/pt
1
3
VINx
VOUTx
SW
2
Figure 23. Buck Response to Line Transient, Input Voltage from 4.5 V to 5.0 V,
VOUT1 = 3.3 V, PWM Mode
CH2 50mV/DIV
B
W 20.0M
CH3 1V/DIV
1MΩ BW 20.0M
CH4 2V/DIV
1MΩ BW 20.0M
A CH3
4.96mV
100µs/DIV
20MS/s
100ns/pt
2
3
4
VINx
VOUTx
SW
Figure 24. Buck Response to Line Transient, VIN = 4.5 V to 5.0 V, VOUT1 = 1.8 V,
PWM Mode
CH1 4V/DIV
B
W 20.0M
CH2 50mV/DIV 1MΩ BW 20.0M
CH3 50mA/DIV 1MΩ BW 20.0M
A CH3
44mA
200µs/DIV
10MS/s
100ns/pt
2
3
1
SW
VOUTx
IOUT
Figure 25. Buck Response to Load Transient, IOUT1 from 1 mA to 50 mA,
VOUT1 = 3.3 V, Auto Mode
CH1 4V/DIV
B
W 20.0M
CH2 50mV/DIV
B
W 20.0M
CH3 50mA/DIV 1MΩ BW 20.0M
A CH3
28mA
200µs/DIV
5MS/s
200ns/pt
2
3
1
VOUTx
SW
VOUT
LOAD
Figure 26. Buck Response to Load Transient, IOUT2 from 1 mA to 50 mA,
VOUT1 = 1.8 V, Auto Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com