Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5043ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Data Sheet
ADP5043
Rev. C | Page 15 of 30
VOUT2 = 3.3V, VIN2 = 3.6V, ILOAD = 300mA
VOUT2 = 1.5V, VIN2 = 1.8V, ILOAD = 300mA
VOUT2 = 2.8V, VIN2 = 3.1V, ILOAD = 300mA
100
10
1
0.1
0.01
110
100
1k
FREQUENCY (Hz)
10k
100k
1M
Figure 39. LDO Output Noise Spectrum, Across Input and Output Voltage
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1mA
10mA
100mA
200mA
300mA
Figure 40. LDO PSRR Across Output Load, VIN2 = 3.3 V, VOUT2 = 2.8 V
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1mA
10mA
100mA
200mA
300mA
Figure 41. LDO PSRR vs. Frequency, VIN2 = 3.1 V, VOUT2 = 2.8 V
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1mA
10mA
100mA
200mA
Figure 42. LDO PSRR vs. Frequency, VIN2 = 5 V, VOUT2 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com