Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5043ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
ADP5043
Data Sheet
Rev. C | Page 14 of 30
0
0.050.100.15
LOAD (A)
0
50
100
150
200
250
Figure 33. LDO Ground Current vs. Output Load, VOUT2 = 2.8 V
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
INPUT VOLTAGE (V)
1µA
100µA
1mA
10mA
100mA
150mA
Figure 34. LDO Ground Current vs. Input Voltage, Across Output Load,
VOUT2 = 2.8 V
3
1
VOUT
IOUT
CH1 50mV/DIV 1MΩ BW 500M
CH3 50mA/DIV 1MΩ BW 20.0M
200µs/DIV
500kS/s
2.0µs/pt
A CH3
28mA
Figure 35. LDO Response to Load Transient, IOUT2 from 1 mA to 80 mA,
VOUT2 = 3.3 V
2
1
2
2
CH1 10.0mV/DIV
CH2 800mV/DIV
A CH2
5.33V
1MΩ BW 20.0M
VOUT
VIN
B
W 20.0M
Figure 36. LDO Response to Line Transient, VIN2 = 4.5 V to 5.5 V, VOUT2 = 3.3 V
LOAD CURRENT (A)
00.1
0.2
0.3
0.5
0
1.0
1.5
2.0
2.5
3.0
0.4
0.5
0.6
0.7
0.8
5.5V
4.5V
3.6V
Figure 37. LDO Output Current Capability vs. Output Voltage
LOAD (mA)
100
10
VOUT = 3.3V; VIN = 5V
VOUT = 3.3V; VIN = 3.6V
VOUT = 2.8V; VIN = 3.1V
VOUT = 1.5V; VIN = 5V
VOUT = 1.5V; VIN = 1.8V
0.0001
0.001
0.01
0.1
1
10
100
1k
Figure 38
. LDO Output Noise vs. Load Current, Across Input and
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com