Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5043ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Data Sheet
ADP5043
Rev. C | Page 9 of 30
TYPICAL PERFORMANCE CHARACTERISTICS
VIN1 = VIN2 = AVIN = 5.0 V, TA = 25°C, unless otherwise noted.
CH1 2.0V/DIV 1MΩ BW 20.0M
CH2 2.0V/DIV 1MΩ BW 20.0M
A CH1
1.76V
200µs/DIV
20.0ns/pt
1
2
VOUT1
VOUT2
Figure 3. 3-Channel Start-Up Waveforms
0
0.1
0.2
0.3
0.4
0.5
0.6
1.0
0.9
0.8
0.7
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
VOUT1 = 1.5V,
VOUT2 = 3.3V
Figure 4. System Quiescent Current (Sum of All the Input Currents) vs. Input
Voltage, VOUT1 = 1.5 V, VOUT2 = 3.3 V
CH1 2.0V/DIV
1MΩ BW 20.0M
CH2 2.0V/DIV
1MΩ BW 500M
CH3 100mA/DIV 1MΩ BW 20.0M
CH4 5.0V/DIV
1MΩ BW 500M
A CH1
2.92V
50µs/DIV
50.0MS/s
20.0ns/pt
2
4
1
3
SW
VOUT1
EN
IIN
Figure 5. Buck Startup, VOUT1 = 1.8 V, IOUT1 = 20 mA
3.22
3.24
3.26
3.28
3.30
3.32
3.34
OUTPUT CURRENT (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
+25°C
–40°C
+85°C
Figure 6. Buck Load Regulation Across Temperature, VOUT1 = 3.3 V, Auto Mode
1.775
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
1.825
1.830
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
OUTPUT CURRENT (A)
+25°C
–40°C
+85°C
Figure 7. Buck Load Regulation Across Temperature, VOUT1 = 1.8 V, Auto Mode
1.784
1.785
1.786
1.787
1.788
1.789
1.790
1.791
1.792
1.793
1.794
1.795
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
–40°C
+25°C
+85°C
OUTPUT CURRENT (A)
Figure 8. Buck Load Regulation Across Temperature,
VOUT1 = 1.8 V, PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com