Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP5043ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 23Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
ADP5043
Data Sheet
Rev. C | Page 20 of 30
Watchdog Status Indicator
In addition to the dual watchdog function, the ADP5043 features a
watchdog status monitor available on the WSTAT pin. This pin
can be queried by the external processor to determine the origin of
a reset. WSTAT is an open-drain output.
WSTAT outputs a logic level depending on the condition
that has generated a reset. WSTAT is forced low if the reset
was generated because of a Watchdog 2 timeout. WSTAT is
pulled high, through external pull-up, for any other reset cause
(Watchdog 1 timeout, power failure or monitored voltage be
low threshold). The status monitor is automatically cleared
(set to logic level high) 10 seconds after the nRSTO low-to-high
transition (tWDCLEAR). The processor firmware must be designed
to read the WSTAT flag before tWDCLEAR expiration after a
Watchdog 2 reset.
The WSTAT flag is not updated in the event of a reset due to a
low voltage threshold detection or Watchdog 1 event occurring
within 10 seconds after an nRSTO low-to-high transition. In
this situation, WSTAT maintains the previous state (see the state
flow in Figure 47).
The external processor can further distinguish a reset caused
by a Watchdog 1 timeout from a power failure, status monitor
WSTAT indicating a high level, by implementing a RAM check
or signature verification after reset. A RAM check or signature
failure indicates that a power failure has occurred, whereas a
RAM check or signature validation indicates that a Watchdog 1
timeout has occurred.
Table 10 shows the possible watchdog decoded statuses.
Table 10. Watchdog Status Decoding
WSTAT
RAM Checksum
Reset Origin
High
Failed
Power failure
High
Ok
Watchdog 1
Low
Don't care
Watchdog 2
NOPOWER APPLIED TO AVIN.
ALL REGULATORS AND SUPERVISORY
TURNED OFF
NO POWER
POR
STANDBY
WSTAT = HIGH
WSTAT = HIGH
RESET
NORMAL
WSTAT = LOW
AVIN < VUVLO
ALL ENx = LOW
AVIN > VUVLO
TRANSITION
STATE
TRANSITION
STATE
TRANSITION
STATE
END OF POR
WSTAT
TIMEOUT
(tWDCLEAR)
WSTAT = 1
TRANSITION
STATE
ALL REGULATORS AND
SUPERVISOR ACTIVATED
WDOG2
TIMEOUT
(tWD2)
WSTAT = 0
END OF (tPOFF)
PULSE
WDOG1 TIMEOUT
(tWD1)AND
WSTAT TIMEOUT
WSTAT = 1
WDOG1 TIMEOUT
(tWD1)
ALL ENx = HIGH
ACTIVE
POWER OFF
RESET SHORT
AVIN < VUVLO
END OF RESET
PULSE (tRP2)
INTERNAL CIRCUIT BIASED
REGULATORS AND
SUPERVISORY NOT ACTIVATED
AVIN < VUVLO
AVIN < VUVLO
VMON < VTH
END OF RESET
PULSE (tRP1)
Figure 47. ADP5043 State Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com