Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP5043ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 23Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 24Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 25Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 26Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 27Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 28Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 29Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
ADP5043
Data Sheet
Rev. C | Page 26 of 30
Switching losses are associated with the current drawn by the
driver to turn on and turn off the power devices at the switching
frequency. The amount of switching power loss is given by:
PSW = (CGATE-P + CGATE-N) × VIN12 × fSW
(10)
where:
CGATE-P is the PMOSFET gate capacitance.
CGATE-N is the NMOSFET gate capacitance.
For the ADP5043, the total of (CGATE-P + CGATE-N) is ~150 pF.
The transition losses occur because the PMOSFET cannot be
turned on or off instantaneously, and the SW node takes some
time to slew from near ground to near VOUT1 (and from VOUT1 to
ground). The amount of transition loss is calculated by:
PTRAN = VIN1 × IOUT1 × (tRISE + tFALL) × fSW
(11)
where tRISE and tFALL are the rise time and the fall time of the
switching node, SW. For the ADP5043, the rise and fall times of
SW are in the order of 5 ns.
If the equations and parameters previously given are used for
estimating the converter efficiency, it must be noted that the
equations do not describe all of the converter losses, and the
parameter values given are typical numbers. The converter
performance also depends on the choice of passive components
and board layout, so a sufficient safety margin should be
included in the estimate.
LDO Regulator Power Dissipation
The power loss of a LDO regulator is given by:
PDLDO = [(VIN − VOUT) × ILOAD] + (VIN × IGND)
(12)
where:
ILOAD is the load current of the LDO regulator.
VIN and VOUT are input and output voltages of the LDO,
respectively.
IGND is the ground current of the LDO regulator.
Power dissipation due to the ground current is small and it
can be ignored.
Junction Temperature
The total power dissipation in the ADP5043 simplifies to:
PD = {[PDBUCK + PDLDO1 + PDLDO2]}
(13)
In cases where the board temperature (TA) is known, the
thermal resistance parameter, θJA, can be used to estimate the
junction temperature rise. TJ is calculated from TA and PD using
the formula:
TJ = TA + (PD × θJA)
(14)
The typical θJA value for the 20-lead, 4 mm × 4 mm LFCSP is
38°C/W, see Table 7.
An important factor to consider is that θJA is based on a four-
layer 4 inch × 3 inch, 2.5 oz copper, as per JEDEC standard, and
real applications may use different sizes and layers. It is
important to maximize the copper used to remove the heat from
the device, and copper exposed to air dissipates heat better than
copper used in the inner layers. The thermal pad (TP) should
be connected to the ground plane with several vias as shown in
Figure 55.
If the case temperature can be measured, the junction
temperature is calculated by:
TJ = TC + (PD × θJC)
(15)
where:
TC is the case temperature.
θJC is the junction-to-case thermal resistance provided in
Table 7.
When designing an application for a particular ambient
temperature range, calculate the expected ADP5043 power
dissipation (PD) due to the losses of all channels by using
Equation 8 to Equation 13. From this power calculation, the
junction temperature, TJ, can be estimated using Equation 14.
The reliable operation of the buck regulator and the LDO
regulator can be achieved only if the estimated die junction
temperature of the ADP5043 (Equation 14) is less than 125°C.
Reliability and mean time between failures (MTBF) is highly
affected by increasing the junction temperature. Additional
information about product reliability can be found in the
Analog Devices, Inc., Reliability Handbook.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com