Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP5043ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Data Sheet
ADP5043
Rev. C | Page 3 of 30
SPECIFICATIONS
GENERAL SPECIFICATIONS
AVIN, VIN1 = (VOUT1 + 0.5 V) or 2.3 V, whichever is greater, AVIN, VIN1 ≥ VIN2, TA = 25°C, unless otherwise noted. Regulators
are enabled.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
AVIN UNDERVOLTAGE LOCKOUT
UVLOAVIN
TJ = −40°C to +125°C
Input Voltage Rising
UVLOAVINRISE
Option A
2.25
V
Option B
3.9
V
Input Voltage Falling
UVLOAVINFALL
Option A
1.95
V
Option B
3.1
V
SHUTDOWN CURRENT
IGND-SD
ENx = GND
0.1
μA
ENx = GND, TJ = −40°C to +125°C
2
μA
Thermal Shutdown Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSSD-HYS
20
°C
ENx, WDIx, MODE, WMOD, MR INPUTS
Input Logic High
VIH
2.5 V ≤ AVIN ≤ 5.5 V
1.2
V
Input Logic Low
VIL
2.5 V ≤ AVIN ≤ 5.5 V
0.4
V
Input Leakage Current (WMOD Excluded)
VI-LEAKAGE
ENx = AVIN or GND
0.05
μA
ENx = AVIN or GND, TJ = −40°C to +125°C
1
μA
WMOD Input Leakage Current
VI-LKG-WMOD
VWMOD = 3.6 V, TJ = −40°C to +125°C
50
μA
OPEN-DRAIN OUTPUTS
nRSTO, WSTAT Output Voltage
VOL
AVIN = 2.3 V to 5.5 V, InRSTO/WSTAT = 3 mA
30
mV
Open-Drain Reset Output Leakage Current
1
μA
SUPERVISORY SPECIFICATIONS
AVIN, VIN1 = full operating range, TJ = −40°C to +125°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY
Supply Current (Supervisory Circuit Only)
45
55
μA
AVIN = 5.5 V, EN1 = EN2 = VIN1
43
52
μA
AVIN = 3.6 V, EN1 = EN2 = VIN1
RESET THRESHOLD ACCURACY
VTH − 0.8%
VTH
VTH + 0.8%
V
TA = 25°C, sensed on VOUTx
VTH − 1.5%
VTH
VTH + 1.5%
V
TJ = −40°C to +125°C, sensed on VOUTx
RESET THRESHOLD TO OUTPUT DELAY
GLITCH IMMUNITY (tUOD)
50
125
400
μs
VTH = VOUT − 50 mV
RESET TIMEOUT PERIOD WATCHDOG1 (tRP1)
Option A
24
30
36
ms
Option B
160
200
240
ms
RESET TIMEOUT PERIOD WATCHDOG2 (tRP2)
3.5
5
7
ms
VCC TO RESET DELAY (tRD)
150
μs
VIN1 falling at 1 mV/μs
REGULATORS SEQUENCING DELAY (tD1, tD2)
2
ms
WATCHDOG INPUTS
Watchdog 1 Timeout Period (tWD1)
Option A
81.6
102
122.4
ms
Option B
1.28
1.6
1.92
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com