Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP5043ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 23Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 24Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 25Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 26Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 27Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 28Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 29Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
ADP5043
Data Sheet
Rev. C | Page 28 of 30
BILL OF MATERIALS
Table 15.
Reference
Value
Part Number
Vendor
Package
C1, C2
1 μF, X5R, 6.3 V
LMK105BJ105MV-F
Taiyo Yuden
0402
C5
4.7 μF, X5R, 10 V
LMK107BJ475MA-T
Taiyo Yuden
0603
C6
10 μF, X5R, 6.3 V
JMK107BJ106MA-T
Taiyo Yuden
0603
RFILT
30 Ω
0201/0402
L1
1 μH, 0.09 Ω, 290 mA
BRC1608T1R0M
Taiyo Yuden
0603
1 μH, 0.08 Ω, 230 mA
GLFR1608T1R0M-LR
TDK
0603
IC1
Dual regulator micro PMU
ADP5043
Analog Devices
20-Lead LFCSP
APPLICATION DIAGRAM
FPWM
PWM/PSM
ON
OFF
R1 R2
POFF
SW
VOUT1
PGND
MODE
C6
10µF
L1
1µH
VIN1
EN1
VIN2
EN2
C2
1µF
VOUT2
WSTAT
WDI2
WDI1
nRSTO
C5
4.7µF
VIN1 = 2.3V
TO 5.5V
VIN2 = 1.7V
TO 5.5V
C1
1µF
VOUT1 @
800mA
VOUT2 @
300mA
EN_BK
BUCK
EN_LDO
LDO
SUPERVISOR
ON
OFF
ON
OFF
20
4
3
10
7
AVIN
WMOD
18
19
12
5
15
2
17
9
11
8
WDOG2
WDOG1
RESET
NC
1
NC
14
VDD
VDD
PUSH-BUTTON
RESET
MR
TP
AGND
13
GND
16
GND
AVIN
RFILT
30Ω
AVIN
6
IC1
Figure 56. Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com