Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5043ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Data Sheet
ADP5043
Rev. C | Page 13 of 30
A CH3
86mA
2
3
1
VOUTx
SW
LOAD
CH1 4V/DIV
B
W 20.0M
CH2 50mV/DIV
B
W 20.0M
CH3 50mA/DIV 1MΩ BW 20.0M
200µs/DIV
10MS/s
100ns/pt
Figure 27. Buck Response to Load Transient, IOUT1 from 20 mA to 140 mA,
VOUT1 = 3.3 V, Auto Mode
3
4
2
VOUT1
LOAD
SW
CH2 4V/DIV
1MΩ BW 20.0M
CH3 50mV/DIV 1MΩ BW 20.0M
CH4 50mA/DIV 1MΩ BW 20.0M
200µs/DIV
50MS/s
20ns/pt
A CH3
145mA
Figure 28. Buck Response to Load Transient, IOUT1 = 20 mA to 180 mA,
VOUT1 = 1.8 V, PWM Mode
1
2
3
VOUTx
IIN
EN
A CH2
1.14V
CH1 1V/DIV
1MΩ BW 500M
CH2 3V/DIV
1MΩ BW 500M
CH3 50mA/DIV 1MΩ BW 20.0M
100µs/DIV
1MS/s
1.0µs/pt
Figure 29. LDO Startup, VOUT2 = 3.3 V, IOUT2 = 5 mA
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
0.0001
0.001
0.01
0.1
OUTPUT CURRENT (A)
3.6V
4.5V
5.0V
5.5V
Figure 30. LDO Load Regulation Across Input Voltage, VOUT2 = 3.3 V
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
0.0001
0.001
0.01
0.1
OUTPUT CURRENT (A)
+85°C
+25°C
–40°C
Figure 31. LDO Load Regulation Across Temperature, VIN2 = 3.6 V,
VOUT2 = 3.3 V
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
3.325
3.5
4.5
5.0
5.5
INPUT VOLTAGE (V)
100µA
1mA
10mA
100mA
150mA
Figure 32. LDO Line Regulation Across Output Load, VOUT2 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com