Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5043ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
ADP5043
Data Sheet
Rev. C | Page 16 of 30
THEORY OF OPERATION
SOFT START
PWM/PSM
CONTROL
BUCK1
DRIVER
AND
ANTISHOOT
THROUGH
OSCILLATOR
VREF
THERMAL
SHUTDOWN
SYSTEM
UNDERVOLTAGE
LOCK OUT
RESET
GENERATOR
DEBOUNCE
PWM
COMP
VDDA
VDDA
GM ERROR
AMP
PSM
COMP
LOW
CURRENT
ILIMIT
ADP5043
VOUT1
WMOD
ENWD1
ENWD2
VIN1
AVIN
SW
PGND
EN1
ENBK
ENLDO
MODE
MODE
EN2
SEL
OPMODE_FUSES
AGND
VIN2
LDO
CONTROL
R1
R2
ENBK
75Ω
ENLDO
600Ω
C
BY
A
VDDA
R0
R1
MR
WDI1
200kΩ
VDDA
52kΩ
40kΩ
WATCHDOG
STATUS
MONITOR
WDI2
POFF
POFF
VOUT2
nRSTO
WSTAT
ENABLE
AND MODE
CONTROL
WATCHDOG
DETECTOR1
WATCHDOG
DETECTOR2
Figure 43. Functional Block Diagram
POWER MANAGEMENT UNIT
The ADP5043 is a micro power management unit (micro PMU)
combing one step-down (buck) dc-to-dc regulator, one low
dropout linear regulator (LDO), and a supervisory circuit with dual
watchdog, for processor control. The regulators are activated by a
logic level high applied to the respective EN pins. EN1 controls
the buck regulator while EN2 controls the LDO. The ADP5043
has factory programmed output voltages and reset voltage
threshold. Other features available in this device are the MODE
pin to control the buck switching operation, a status pin (WSTAT)
informing the external processor of which watchdog caused a
reset, and a push-button reset input (nRSTO).
When a regulator is turned on, the output voltage is controlled
through a soft start circuit, which prevents a large inrush current
due to the discharged output capacitors.
The buck regulator can operate in forced PWM mode if the
MODE pin is at a logic high level. In forced PWM mode, the
switching frequency of the buck is always constant and does not
change with the load current. If the MODE pin is at a logic low
level, the switching regulator operates in auto PWM/PSM mode.
In this mode, the regulator operates at fixed PWM frequency
when the load current is above the power saving current threshold.
When the load current falls below the power saving current
threshold, the regulator enters power saving mode where the
switching occurs in bursts. The burst repetition rate is a
function of the current load and the output capacitor value.
This operating mode reduces the switching and quiescent
current losses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com