Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5043ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Data Sheet
ADP5043
Rev. C | Page 19 of 30
Watchdog 1 Input
The ADP5043 features a watchdog timer that monitors
microprocessor activity. The watchdog timer circuit is cleared
with every low-to-high or high-to-low logic transition on the
watchdog input pin (WDI1), which detects pulses as short as
80 ns. If the timer counts through the preset watchdog timeout
period (tWD1), an output reset is asserted. The microprocessor is
required to toggle the WDI1 pin to avoid being reset. Failure of
the microprocessor to toggle WDI1 within the timeout period,
therefore, indicates a code execution error, and the reset pulse
generated restarts the microprocessor into a known state.
As well as logic transitions on WDI1, the watchdog timer is also
cleared by a reset assertion due to an undervoltage condition on
the monitored rail. When reset is asserted, the watchdog timer
is cleared and does not begin counting again until reset deasserts.
Watchdog 1 timer can be disabled by leaving WDI1 floating or
by three-stating the WDI1 driver. The pin WMOD controls the
Watchdog 1 operating mode. If WMOD is set to logic level low,
Watchdog 1 is enabled as long as WDI1 is not in three-state. If
WMOD is set to logic level high, Watchdog 1 is always active
and cannot be disabled by a three-state condition. WMOD
input has an internal 200 kΩ pull-down resistor.
Watchdog 1 timeout is factory set to two possible values, as
indicated in Table 18.
WDI1
nRSTO
tRP1
tRP1
tWD1
VSENSED
VTH
1V
0V
0V
0V
Figure 45. Watchdog 1 Timing Diagram
Watchdog 2 Input
The ADP5043 features an additional watchdog timer that
monitors microprocessor activity in parallel with the first
watchdog but with a much longer timeout. This provides
additional security and safety in case Watchdog 1 is incorrectly
strobed. A timer circuit is cleared with every low-to-high or
high-to-low logic transition on the watchdog input pin (WDI2),
which detects pulses as short as 8 μs. If the timer counts through
the preset watchdog timeout period (tWD2), reset is asserted,
followed by a power cycle of all regulators. The microprocessor
is required to toggle the WDI2 pin to avoid being reset and
powered down. Failure of the microprocessor to toggle WDI2
within the timeout period, therefore, indicates a code execution
error, and the reset output nRSTO is forced low for tRP2. Then,
all the regulators are turned off for the tPOFF time. After the tPOFF
period, the regulators are reactivated according to a predefined
sequence (see Table 9). Finally, the reset line (nRSTO) is asserted
for tRP1. This guarantees a clean power-up of the system and
proper reset.
As well as logic transitions on WDI2, the watchdog timer is
also cleared by a reset assertion due to an undervoltage condition
on the VTH monitored rail which can be factory programmable
between VOUT1, VOUT2, and AVIN (see Table 21). When
reset is asserted, the watchdog timer is cleared and does not
begin counting again until reset deasserts.
Watchdog 2 timeout is factory set to seven possible values as
indicated in Table 19. One additional option allows Watchdog 2
to be factory disabled.
AVIN/VINx/ENx
VOUT1
VOUT2
nRSTO
WDI2
WSTAT
VTH
0V
0V
0V
0V
tPOFF
tD1
tD2
tD1
tRP1
tRP2
tRP1
tWDCLEAR
tD2
tWD2
Figure 46. Watchdog 2 Timing Diagram (Assuming that VOUT2 is the Monitored Rail)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com