Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5043ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Data Sheet
ADP5043
Rev. C | Page 11 of 30
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
OUTPUT CURRENT (A)
+25°C
–40°C
+85°C
Figure 15. Buck Efficiency vs. Load Current, Across Temperature, VOUT1 = 3.3 V,
Auto Mode
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
OUTPUT CURRENT (A)
+25°C
–40°C
+85°C
Figure 16. Buck Efficiency vs. Load Current, Across Temperature,
VOUT1 = 1.8 V, Auto Mode
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
2.6
3.6
4.6
5.6
INPUT VOLTAGE (V)
Figure 17. Buck DC Current Capability vs. Input Voltage, VOUT1 = 1.8 V
2.85
2.90
2.95
3.00
3.05
3.10
0
0.10.20.30.40.50.60.70.8
+25°C
–40°C
+85°C
OUTPUT CURRENT (A)
Figure 18. Buck Switching Frequency vs. Output Current, Across
Temperature, VOUT1 = 1.8 V, PWM Mode
CH1 20.0mV/DIV
B
W 20.0M
CH2 200mA/DIV 1MΩ BW 20.0M
CH3 2.0V/DIV
1MΩ BW 20.0M
A CH1
2.4mV
5.0µs/DIV
20.0MS/s
50.0ns/pt
1
2
3
VOUT
ISW
SW
Figure 19. Typical Waveforms, VOUT1 = 3.3 V, IOUT1 = 30 mA, Auto Mode
CH1 2.0V/DIV 1MΩ BW 20.0M
CH2 50.0mV/DIV
B
W 20.0M
CH3 500mA/DIV
B
W 20.0M
A CH1
1.56mV
5.0µs/DIV
200MS/s
5.0ns/pt
2
3
1
VOUTx
ISW
SW
Figure 20. Typical Waveforms, VOUT1 = 1.8 V, IOUT1= 30 mA, Auto Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com