Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP5043ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 23Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 24Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 25Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 26Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 27Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 28Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 29Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Data Sheet
ADP5043
Rev. C | Page 27 of 30
EVALUATION BOARD SCHEMATICS AND ARTWORK
SW
VOUT1
PGND
MODE
C6
10µF
L1
1µH
VIN1
TP1
TP2
TP6
TP5
NC
EN1
VIN2
EN2
C2
1µF
VOUT2
TP12
NC
C5
4.7µF
VIN1 = 2.3V
TO 5.5V
AVIN
RFILT
30Ω
VIN2 = 1.7V
TO 5.5V
C1
1µF
TP4
TP11
WSTAT
WMOD
WDI1
WDI2
nRSTO
TP9
TP10
TP7
TP3
TP8
EN_BK
BUCK
EN_LDO
LDO
AVIN
AVIN
GND
GND
AGND
MR
VOUT1 @
800mA
VOUT2 @
300mA
Figure 54. Evaluation Board Schematic
SUGGESTED LAYOUT
0.5
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1
1.5
2
2.5
3
3.5
mm
C3 - 1uF
6.3V/XR 5
0402
C4 - 1uF
10V/XR 5
0402
mm
5.5
6
6.5
AVIN
VIN 1
SW
PGND
MR
WDI 1
WMOD
MODE
AGND
EN 1
GND
4
4.5
5
5.5
6
C6 - 10uF
6.3V/XR5 0603
3.3V
WDI 1
MOD
1.5V
MR
- 1u
V/XR
402
7
TOP LAYER
2ND LAYER
EN
ADP5043
MODE
G
VIAs LEGEND:
PPL = POWER PLANE (+4V)
GPL = GROUND PLANE
Figure 55. Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com