Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP5043ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Micro PMU with 800 mA Buck, 300 mA LDO,
Supervisory, Watchdog, and Manual Reset
Data Sheet
ADP5043
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage range: 2.3 V to 5.5 V
One 800 mA buck regulator
One 300 mA LDO
20-lead, 4 mm × 4 mm LFCSP package
Initial regulator accuracy: ±1%
Overcurrent and thermal protection
Soft start
Undervoltage lockout
Open-drain processor reset with threshold monitoring
±1.5% threshold accuracy over the full temperate range
Guaranteed reset output valid to VCC = 1 V
Dual watchdog for secure systems
Watchdog 1 controls reset
Watchdog 2 controls reset and regulators power cycle
Buck regulator key specifications
Current-mode topology for excellent transient response
3 MHz operating frequency
Uses tiny multilayer inductors and capacitors
Mode pin selects forced PWM or auto PFM/PSM modes
100% duty cycle low dropout mode
LDO key specifications
Low VIN from 1.7 V to 5.5 V
Stable with1 μF ceramic output capacitors
High PSRR, 60 dB up to 1 kHz/10 kHz
Low output noise
Low dropout voltage: 150 mV at 300 mA load
−40°C to +125°C junction temperature range
GENERAL DESCRIPTION
The ADP5043 combines one high performance buck regulator
and one low dropout (LDO) regulator in a small 20-lead LFCSP
to meet demanding performance and board space requirements.
The high switching frequency of the buck regulator enables use of
tiny multilayer external components and minimizes board space.
The MODE pin selects the buck’s mode of operation. When set
to logic high, the buck regulator operates in forced PWM mode.
When the MODE pin is set to logic low, the buck regulator
operates in PWM mode when the load is around the nominal
value. When the load current falls below a predefined threshold,
the regulator operates in power save mode (PSM) improving the
light-load efficiency.
The low quiescent current, low dropout voltage, and wide input
voltage range of the ADP5043 LDO extend the battery life of
portable devices. The LDO maintains a power supply rejection
of greater than 60 dB for frequencies as high as 10 kHz while
operating with a low headroom voltage.
Each regulator is activated by a high level on the respective
enable pin. The ADP5043 is available with factory programmable
default output voltages and can be set to a wide range of options.
The ADP5043 contains supervisory circuits that monitor
power supply voltage levels and code execution integrity in
microprocessor-based systems. The ADP5043 also provides
power-on reset signals. An on-chip dual watchdog timer can
reset the microprocessor or power cycle the system (Watchdog 2)
if it fails to strobe within a preset timeout period.
HIGH LEVEL BLOCK DIAGRAM
VIN
WD1 MODE
SELECTION
FPWM
PSM/PWM
MODE
SW
VOUT1
PGND
C6
10µF
L1
1µH
EN_BK
BUCK
EN_LDO
LDO
VIN1
EN1
VIN2
EN2
C2
1µF
VOUT2
GND
GND
C5
4.7µF
ON
OFF
ON
OFF
NC
VIN1 = 2.3V
TO 5.5V
AVIN
RFILT
30Ω
VIN2 = 1.7V
TO 5.5V
MR
C1
1µF
WSTAT
WMOD
WDI1
WDI2
nRSTO
NC
AGND
AVIN
AVIN
ADP5043
VOUT1 @
800mA
VOUT2 @
300mA
Figure 1.


Similar Part No. - ADP5043ACPZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5040 AD-ADP5040 Datasheet
3Mb / 40P
Micro PMU with 1.2 A Buck Regulator
REV. 0
ADP5040 AD-ADP5040 Datasheet
782Kb / 24P
Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
11/14-Revision 0
ADP5040ACPZ-1-R7 AD-ADP5040ACPZ-1-R7 Datasheet
3Mb / 40P
Micro PMU with 1.2 A Buck Regulator
REV. 0
ADP5040CP-1-EVALZ AD-ADP5040CP-1-EVALZ Datasheet
3Mb / 40P
Micro PMU with 1.2 A Buck Regulator
REV. 0
ADP5041 AD-ADP5041 Datasheet
4Mb / 40P
Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
5/2019-Rev. A to Rev. B
More results

Similar Description - ADP5043ACPZ-1-R7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
Analog Devices
ADP5042 AD-ADP5042 Datasheet
1Mb / 32P
Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
REV. 0
logo
ams AG
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
ON Semiconductor
NCV8508PD50 ONSEMI-NCV8508PD50 Datasheet
274Kb / 26P
5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
logo
Analog Devices
ADP5041 AD-ADP5041 Datasheet
4Mb / 40P
Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
5/2019-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com