Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5043ACPZ-1-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5043ACPZ-1-R7
Description  Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5043ACPZ-1-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5043ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5043ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Data Sheet
ADP5043
Rev. C | Page 5 of 30
BUCK SPECIFICATIONS
AVIN, VIN1 = 3.6 V, VOUT1 = 1.8 V, TJ = −40°C to +125°C for minimum/maximum specifications, L = 1 μH, COUT = 10 μF, and TA = 25°C
for typical specifications, unless otherwise noted.1
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Voltage Range (VIN1)
2.3
5.5
V
OUTPUT CHARACTERISTICS
Output Voltage Accuracy
PWM mode, ILOAD = 100 mA
−1
+1
%
PSM mode
−2
+2
%
VIN1 = 2.3 V to 5.5 V, PWM mode,
ILOAD = 1 mA to 800 mA
−3
+3
%
PWM TO POWER SAVE MODE CURRENT THRESHOLD
100
mA
INPUT CURRENT CHARACTERISTICS
DC Operating Current
ILOAD = 0 mA, device not switching
21
35
μA
Shutdown Current
ENx = 0 V, TA = TJ = −40°C to +125°C
0.2
1.0
μA
SW CHARACTERISTICS
SW On Resistance
PFET
180
240
mΩ
PFET, AVIN = VIN1 = 5 V
140
190
mΩ
NFET
170
235
mΩ
NFET, AVIN = VIN1 = 5 V
150
210
mΩ
Current Limit
PFET switch peak current limit
1100
1360
1600
mA
ACTIVE PULL-DOWN
EN1 = 0 V
75
Ω
OSCILLATOR FREQUENCY
2.5
3.0
3.5
MHz
START-UP TIME
250
μs
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
LDO SPECIFICATIONS
AVIN = 3.6 V, VIN2 = (VOUT2 + 0.2 V) or 2.3 V, whichever is greater; AVIN, VIN1 ≥ VIN2; IOUT = 10 mA; CIN = COUT = 1 μF;
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN2
TJ = −40°C to +125°C
1.7
5.5
V
OPERATING SUPPLY CURRENT (per LDO)
IGND
IOUT = 0 μA, VOUT = 3.3 V
15
μA
IOUT = 0 μA, VOUT = 3.3 V,
TJ = −40°C to +125°C
50
μA
IOUT = 10 mA
67
μA
IOUT = 10 mA, TJ = −40°C to +125°C
105
μA
IOUT = 200 mA
100
μA
IOUT = 200 mA, TJ = −40°C to +125°C
245
μA
FIXED OUTPUT VOLTAGE ACCURACY
VOUT2
IOUT = 10 mA
−1
+1
%
100 μA < IOUT < 300 mA
−2
+2
%
VIN2 = (VOUT2 + 0.5 V) to 5.5 V
100 μA < IOUT < 300 mA
−3
+3
%
VIN2 = (VOUT2 + 0.5 V) to 5.5 V
TJ = −40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com