Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 13Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 14Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 15Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 16Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 17Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 18Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 19Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 20Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
Bit
Symbol
Value
Description
minute alarm1 enable
0[1]
disabled
1
MIN_A1E
1
enabled
second alarm1 enable
0[1]
disabled
0
SEC_A1E
1
enabled
Table 13. Alarm_enables- alarm enable control register (address 10h) bit
description...continued
[1]
Default value.
7.4.1.3 Alarm1 and alarm2 function in RTC mode
The registers at addresses 08h through 0Ch contain alarm1 information. When one
or more of these registers is loaded with second, minute, hour, day, or month, and
its corresponding alarm enable bit (SEC_A1E to MON_A1E) is set logic 1, then that
information is compared with the current second, minute, hour, day, and month.
The registers at addresses 0Dh through 0Fh contain alarm2 information. When one or
more of these registers is loaded with minute, hour or weekday, and its corresponding
alarm enable bit (MIN_A2E to WDAY_A2E) is set logic 1, then that information is
compared with the current minute, hour and weekday.
Alarm registers which have their alarm enable bit at logic 0 are ignored.
When the time increments to match the enabled alarms, the alarm flag in the Flags
register (Section 7.14) is set. A1F for alarm1 and A2F for alarm2. The alarm flag is
cleared by command.
When the time increments to match the enabled alarms, an interrupt can be generated.
See Section 7.4.3.
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
17 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com