Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 49Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 50Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 51Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 52Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 53Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 54Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 55Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 56Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
s
1
0
1
0
0
0 1
0
A 0
0
1
0
1
1
1
1
A 0 0
1
0
1
1
0
0
A P/S
SDA
SCL
slave address
address 2Fh
software reset 2Ch
R/W
aaa-010473
internal
reset signal
Figure 29. Software reset command
The PCF85363A resets to:
Mode
real-time clock, 100th second off
Time
00:00:00.00
Date
2000.01.01
Weekday
Saturday
Battery switch
on, switching on the lower threshold voltage
Oscillator
CL = 7 pF
Pins
INTA = 32 kHz output, CLK = 32 kHz output, TS = disabled
In the reset state, all registers are set according to Table 61.
Registers labeled as - remain unchanged.
Bit
Address
Register name
7
6
5
4
3
2
1
0
00h
100TH_seconds
0
0
0
0
0
0
0
0
01h
Seconds
1
0
0
0
0
0
0
0
02h
Minutes
0
0
0
0
0
0
0
0
03h
Hours
0
0
0
0
0
0
0
0
04h
Days
0
0
0
0
0
0
0
1
05h
Weekdays
0
0
0
0
0
1
1
0
06h
Months
0
0
0
0
0
0
0
1
Table 61. Registers reset values
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
53 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com