Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 60 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 56Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 57Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 58Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 59Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 60Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 61Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 62Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 63Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
9.3.1 Slave address
One I2C-bus slave address (1010  001) is reserved for the PCF85363A. The entire I2C-
bus slave address byte is shown in Table 64.
Slave address
7
0
Bit
MSB
6
5
4
3
2
1
LSB
1
0
1
0
0
0
1
R/W
Table 64. I2C slave address byte
After a START condition, the I2C slave address has to be sent to the PCF85363A device.
Slave address can also be written in a hexadecimal format:
• A2h - Write slave address
• A3h - Read slave address
10 Application design-in information
In this application, stop-watch mode is used to implement an elapsed time counter. The
TS pin is used with a mechanical switch to start and stop the time. Each time the time is
stopped, timestamp2 is loaded with the current time and an interrupt is generated on the
INTA pin.
sample
invert
mechanical
switch detector
vdd_int
TS pin
sample
clock, 16 Hz
TSL
aaa-010560
STOP
control
STOPM
Time
counter
stop
TSR2
load
TSR2
flag
INTA
gen.
INTA
VSS
Figure 34. Application example
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
60 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com