Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 36Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 37Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 38Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 39Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 40Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 41Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 42Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 43Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
[1]
Default value.
The battery switch circuit may be disabled when not used. This disables all the circuit and
save power consumption. When disabled connect VBAT and VDD together.
7.11.2 BSRR: battery switch internal refresh rate
Bit
Symbol
Value
Description
battery switch refresh rate
0[1]
low
3
BSRR
1
high
Table 38. BSRR bit - battery switch control (address 26h) bit description
[1]
Default value.
Non-user bit. Recommended to leave set at default.
7.11.3 BSM[1:0]: battery switch mode
Bit
Symbol
Value
Description
battery switch mode bits
00[1]
switching at the Vth level
01
switching at the VBAT level
10
switching at the higher level of Vth or VBAT
2 to 1
BSM[1:0]
11
switching at the lower level of Vth or VBAT
Table 39. BSM[1:0] bits - battery switch control (address 26h) bit description
[1]
Default value.
Switching is automatic and controlled by the voltages on the VBAT and VDD pins. There
are three modes:
• Compare VDD with an internal reference (Vth)
• Compare VDD with VBAT
• Compare VDD with an internal reference (Vth) and VBAT
The last mode is useful when a rechargeable battery is employed.
BSM[1:0]
Condition
Internal power
VDD > Vth
VDD
00
VDD < Vth
VBAT
VDD > VBAT
VDD
01
VDD < VBAT
VBAT
VDD > the higher of Vth or VBAT
VDD
10
VDD < the higher of Vth or VBAT
VBAT
VDD > the lower of Vth or VBAT
VDD
11
VDD < the lower of Vth or VBAT
VBAT
Table 40. Battery switch-over modes
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
40 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com