Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 15Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 16Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 17Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 18Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 19Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 20Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 21Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 22Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
Bit positions labeled as - are not implemented.
Upper-digit (ten’s place)
Digit (unit place)
Address Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Stop-watch alarm1 registers
08h
Second_alm1
-
0 to 5
0 to 9
09h
Minute_alm1
-
0 to 5
0 to 9
09h
Hr_xx_xx_00_alm1 0 to 9
0 to 9
0Bh
Hr_xx_00_xx_alm1 0 to 9
0 to 9
0Ch
Hr_00_xx_xx_alm1 0 to 9
0 to 9
Stop-watch alarm2 registers
0Dh
Minute_alm2
-
0 to 5
0 to 9
0Eh
Hr_xx_00_alm2
0 to 9
0 to 9
0Fh
Hr_00_xx_alm2
0 to 9
0 to 9
Table 14. Alarm1 and alarm2 registers in stop-watch mode coded in BCD (RTCM =
1)
7.4.2.2 Alarm1 and alarm2 control in stop-watch mode
Bit
Symbol
Value
Description
Stop-watch alarm2
thousands of hours alarm2 enable
0[1]
disabled
7
HR_00_XX_A2E
1
enabled
tens of hours alarm2 enable
0[1]
disabled
6
HR_XX_00_A2E
1
enabled
minute alarm2 enable
0[1]
disabled
5
MIN_A2E
1
enabled
Stop-watch alarm1
100 thousands of hours alarm1 enable
0[1]
disabled
4
HR_00_XX_XX_A1E
1
enabled
thousands of hours alarm1 enable
0[1]
disabled
3
HR_XX_00_XX_A1E
1
enabled
tens of hour alarm1 enable
2
HR_XX_XX_00_A1E
0[1]
disabled
Table 15. Alarm_enables- alarm enable control register (address 10h) bit
description
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
19 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com