Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 32Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 33Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 34Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 35Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 36Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 37Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 38Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 39Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
BSIEA
BSIEB
OIEA
OIEB
Alarm 1
Alarm 2
Battery switch
Offset
calibration
WatchDog
Periodic
interrupt
Timestamp3
Flag: PIF
set
clear
Flag: TSR3F
set
set
set
set
set
set
set
clear
Flag: TSR2F
clear
Flag: BSF
clear
Flag: A2F
clear
Flag: A1F
clear
OR
128 Hz
Pulse generator
trigger
INTB data
INTA data
EMON
ILPB
0
1
ILPA
0
1
Flag(s) cleared
by command
WDIEA
WDIEB
Flag: WDF
clear
Flag: TSR1F
clear
Timestamp2
TSRIEA
TSRIEB
Timestamp1
aaa-010367
clear
128 Hz
Pulse generator
trigger
clear
BSIEA
BSIEB
WDIEA
WDIEB
TSIEA
TSIEB
PIEA
PIEB
PIEA
PIEB
A1IEA
A1IEB
A1IEA
A1IEB
A2IEA
A2IEB
A2IEA
A2IEB
Figure 21. Interrupt selection
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
36 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com