Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 6Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 7Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 8Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 9Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 10Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 11Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 12Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 13Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
7.2 RTC mode time and date registers
RTC mode is enabled by setting RTCM = 0. These registers are coded in the BCD format
to simplify application use.
Default state is:
Time
00:00:00.00
Date
2000 01 01
Weekday
Saturday
Monitor bits
OS = 1, EMON = 0
Bit positions labeled as - are not implemented and return 0 when read.
Upper-digit (ten’s place)
Digit (unit place)
Address
Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00h
100th_seconds [1]
0 to 9
0 to 9
01h
Seconds
OS
0 to 5
0 to 9
02h
Minutes
EMON
0 to 5
0 to 9
AMPM
0 to 1
0 to 9
03h
Hours [2]
-
-
0 to 2
0 to 9
04h
Days [3]
-
-
0 to 3
0 to 9
05h
Weekdays
-
-
-
-
-
0 to 6
06h
Months
-
-
-
0 to 1
0 to 9
07h
Years
0 to 9
0 to 9
Table 7. Time and date registers in RTC mode (RTCM = 0)
[1]
The 100th_seconds register is only available when the 100TH mode is enabled, see Section 7.13.1. When the 100TH mode is disabled, this register
always returns 0.
[2]
Hour mode is set by the 12_24 bit in the Oscillator register, see Section 7.10.
[3]
If the year counter contains a value, which is exactly divisible by 4, the PCF85363A compensates for leap years by adding a 29th day to February.
7.2.1 Definition of BCD
The Binary-Coded Decimal (BCD) is an encoding of numbers where each digit is
represented by a separate bit field. Each bit field may only contain the values 0 to 9. In
this way, decimal numbers and counting is implemented.
Example: 59 encoded as an entire number is represented by 3Bh or 11 1011. In BCD the
5 is represented as 5h or 0101 and the 9 as 9h or 1001 which combines to 59h.
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
10 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com