Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 17Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 18Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 19Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 20Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 21Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 22Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 23Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 24Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
aaa-009583
SECOND ALARM1
SECOND TIME
SEC_A1E
0
1
SEC_A1E = 0
example
=
MINUTE ALARM1
MINUTE TIME
MIN_A1E
=
HR_xx_xx_00 ALARM1
xx_xx_00 HOUR TIME
HR_xx_xx_00_A1E
set alarm flag A1F (1)
=
HR_xx_00_xx ALARM1
xx_00_xx HOUR TIME
HR_xx_00_xx_A1E
=
HR_00_xx_xx ALARM1
00_xx_xx HOUR TIME
HR_00_xx_xx_A1E
=
check now signal
0
1
MIN_A2E = 0
example
MINUTE ALARM2
MINUTE TIME
MIN_A2E
=
HR_xx_00 ALARM2
xx_xx_00 HOUR TIME
HR_xx_00_A2E
set alarm flag A2F (1)
=
HR_00_xx ALARM2
xx_00_xx HOUR TIME
HR_00_xx_A2E
=
check now signal
1. Only when all enabled alarm settings are matching.
The flag is set
only on increment to a matched case (and not all the time it is equal).
Figure 12. Alarm1 and alarm2 function block diagram (stop-watch mode)
7.4.3 Alarm interrupts
The generation of interrupts from the alarm functions is controlled via the alarm interrupt
enable bits; A1IEA, A1IEB, A2IEA, A2IEB. These bits are in registers INTA_enable
(address 29h) and INTB_enable (address 2Ah).
The assertion of flags A1F or A2F can be used to generate an interrupt at the pins
INTA and INTB. The interrupt may be generated as a pulse signal every time the time
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
21 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com