Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 39Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 40Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 41Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 42Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 43Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 44Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 45Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 46Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
aaa-010426
internal power supply
cleared via interface
BSF
Vth = 1.5 V
VDD (= 0 V)
VBAT = 1.2 V
VDD
INTA
battery mode indication
interface active
interface inactive
interface active
I2C
Figure 25. Switching at the higher of VBAT or Vth
7.11.3.4 Switching at the lower of VBAT and Vth level, BSM[1:0] = 11
With this mode switching takes place when VDD falls below the lower of Vth or VBAT.
In Figure 26, an example is given where the threshold is set to 1.5 V and a single cell
battery is connected to VBAT. In this example, switching to the battery voltage takes
place when VDD falls below VBAT.
aaa-010429
internal power supply
cleared via interface
BSF
Vth = 1.5 V
VDD (= 0 V)
VBAT = 1.2 V
VDD
INTA
battery mode indication
interface active
interface inactive
interface active
I2C
Figure 26. Switching at the lower of VBAT or Vth
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
43 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com