Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 3Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 4Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 5Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 6Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 7Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 8Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 9Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 10Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
RTCM
real-time clock mode
register set
stopwatch mode
register set
1
0
aaa-009600
Figure 7. Time mode register set selection
7.1.1.1 RTC mode time registers overview (RTCM = 0)
Bit positions labeled as - are not implemented. After reset, all registers are set according to Table 61.
Bit
Address
Register name
7
6
5
4
3
2
1
0
Reference
RTC time and date registers
00h
100th_seconds
100TH_SECONDS (0 to 99)
01h
Seconds
OS
SECONDS (0 to 59)
02h
Minutes
EMON
MINUTES (0 to 59)
AMPM
HOURS (1 to 12) in 12 hour mode
03h
Hours
-
-
HOURS (0 to 23) in 24 hour mode
04h
Days
-
-
DAYS (1 to 31)
05h
Weekdays
-
-
-
-
-
WEEKDAYS (0 to 6)
06h
Months
-
-
-
MONTHS (1 to 12)
07h
Years
YEARS (0 to 99)
Section 7.2
RTC alarm1
08h
Second_alarm1
-
SEC_ALARM1 (0 to 59)
09h
Minute_alarm1
-
MIN_ALARM1 (0 to 59)
AMPM
HR_ALARM1 (1 to 12) in 12 hour mode
0Ah
Hour_alarm1
-
-
HR_ALARM1 (0 to 23) in 24 hour mode
0Bh
Day_alarm1
-
-
DAY_ALARM1 (1 to 31)
0Ch
Month_alarm1
-
-
-
MON_ALARM1 (1 to 12)
Section 7.4
RTC alarm2
0Dh
Minute_alarm2
-
MIN_ALARM2 (0 to 59)
0Eh
Hour_alarm2
-
-
AMPM
HR_ALARM2 (1 to 12) in 12 hour mode
0Fh
Weekday_alarm2
-
-
-
-
-
WDAY_ALARM2 (0 to 6)
Section 7.4
RTC alarm enables
10h
Alarm_enables
WDAY_A2E
HR_A2E
MIN_A2E
MON_A1E
DAY_A1E
HR_A1E
MIN__A1E
SEC__A1E
Section 7.4
RTC timestamp1 (TSR1)
11h
TSR1_seconds
-
TSR1_SECONDS (0 to 59)
12h
TSR1_minutes
-
TSR1_MINUTES (0 to 59)
AMPM
TSR1_HOURS (1 to 12) in 12 hour mode
13h
TSR1_hours
-
-
TSR1_HOURS (0 to 23) in 24 hour mode
14h
TSR1_days
-
-
TSR1_DAYS (1 to 31)
15h
TSR1_months
-
-
-
TSR1_MONTHS (1 to 12)
16h
TSR1_years
TSR1_YEARS (0 to 99)
Section 7.7
RTC timestamp2 (TSR2)
Table 4. RTC mode time registers
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
7 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com