Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 29Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 30Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 31Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 32Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 33Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 34Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 35Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 36Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
7.8.4 Offset interrupts
The generation of interrupts from the offset functions is controlled via the offset interrupt
enable bits; OIEA and OIEB. These bits are in registers INTA_enable (address 29h) and
INTB_enable (address 2Ah).
Every time a correction pulse is made an interrupt pulse can be generated at pins INTA
and INTB. As there are is no offset calibration flag, it is only possible to generate pulse
interrupts.
See Section 7.9 for interrupt control.
7.9 Interrupts
There are two interrupt output pins, INTA and INTB. Both pins have the same possible
sources and a dedicated register to control what is output. The pins can be used
independently from each other.
INTA data is output on the INTA pin. INTA is an interrupt output pin with open-drain drive.
INTA pin mode is controlled by INTAPM[1:0] bits in the Pin_IO register (Section 7.12).
INTB data is output on TS pin with push-pull drive. The TS pin must first be configured as
INTB output by setting TSIO[1:0] bits in the Pin_IO register (Section 7.12).
Interrupts will only be output when the pin mode is correctly defined. Interrupts are output
from the IC as active LOW signals.
The registers INTA_enable (address 29h) and INTB_enable (address 2Ah) are used to
select which interrupts should be output on which pin.
Bit
7
6
5
4
3
2
1
0
INTA_enable - INTA pin enable control (address 29h)
Symbol
ILPA
PIEA
OIEA
A1IEA
A2IEA
TSRIEA
BSIEA
WDIEA
INTB_enable - INTB pin enable control (address 2Ah)
Symbol
ILPB
PIEB
OIEB
A1IEB
A2IEB
TSRIEB
BSIEB
WDIEB
Table 27. INTA and INTB interrupt control bits
Symbol
Bit
INTA
INTB
Value
Description
level or pulse mode
0[1]
interrupt generates a pulse
7
ILPA
ILPB
1
interrupt follows flags (permanent signal)
periodic interrupt enable
0[1]
no periodic interrupt generated
6
PIEA
PIEB
1
periodic interrupt generated
offset correction interrupt enable
0[1]
no correction interrupt generated
5
OIEA
OIEB
1
interrupt generated from correction
Table 28. Definition of interrupt control bits
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
33 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com