Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 59 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 55Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 56Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 57Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 58Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 59Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 60Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 61Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 62Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
9 Interface protocol
The PCF85363A uses the I2C interface for data transfer. Interpretation of the data is
determined by the interface protocol.
9.1 Write protocol
After the I2C slave address is transmitted, the PCF85363A requires that the register
address pointer is defined. It can take the value 00h to 2Fh. Values outside of that
range will result in the transfer being ignored, however the slave will still respond with
acknowledge pulses.
After the register address is transmitted, write data is transmitted. The minimum number
of data write bytes is 0 and the maximum number is unlimited. After each write, the
address pointer increments by one. After address 2Fh, the address pointer will roll over
to 00h.
• I2C START condition
• I2C slave address + write
• register address
• write data
• write data
• :
• write data
• I2C STOP condition; an I2C RE-START condition is also possible.
9.2 Read protocol
When reading the PCF85363A, reading starts at the current position of the address
pointer. The address pointer for read data should first be defined by a write sequence.
• I2C START condition
• I2C slave address + write
• register address
• I2C STOP condition; an I2C RE-START condition is also possible.
After setting the address pointer, a read can be executed. After the I2C slave address
is transmitted, the PCF85363A will immediately output read data. After each read, the
address pointer increments by one. After address 2Fh, the address pointer will roll over
to 00h.
• I2C START condition
• I2C slave address + read
• read data (master sends acknowledge bit)
• read data (master sends acknowledge bit)
• :
• read data (master sends not-acknowledge bit)
• I2C STOP condition. An I2C RE-START condition is also possible.
The master must indicate that the last byte has been read by generating a not-
acknowledge after the last read byte.
9.3 Slave addressing
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
59 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com