Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 35Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 36Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 37Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 38Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 39Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 40Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 41Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 42Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
The PCF85363A is designed to operate with quartz with CL values of 6.0 pF, 7.0 pF and
12.5 pF.
12.5 pF are generally the cheapest and most widely available, but also require the most
power to drive. The circuit also operates with 9.0 pF quartz, however the offset calibration
would be needed to compensate. If a 9.0 pF quartz is used, then it is recommended to
set CL to 7.0 pF.
7.11 Battery switch register
This register configures the battery switch-over mode.
Associated with the battery switch-over is the battery switch flag (BSF) in the Flags
register (Section 7.14). Whenever the IC switches to battery operation, the flag is set.
The flag can only be read when operating from VDD power, however an interrupt pulse or
static LOW signal can be generated whenever switching to battery. An interrupt pulse can
also be generated when switching back to VDD power. Examples are given in Figure 23
and Figure 24.
When switched to battery, the VDD power domain is disabled. This means that I2C pins
are ignored, CLK output is disabled and Hi-Z, TS pin output mode is disabled and Hi-Z,
TS digital input is ignored and may be left floating. TS pin mechanical switch detector
is active. INTA output is still active for interrupt output and battery switch indication, but
disabled for clock output.
IO pin (mode)
VDD operation
VBAT operation
SCL
active input
disabled; may be left floating
SDA
active input/output
disabled; may be left floating
CLK
active output
disabled; Hi-Z
TS (output mode)
active output
disabled; Hi-Z
TS (digital input)
active input
disabled; may be left floating
TS (mechanical switch input)
active input
active input
INTA
active output
active interrupt output
Table 35. IO pin behavior in battery mode
Bit
7
6
5
4
3
2
1
0
Symbol
-
-
-
BSOFF
BSRR
BSM[1:0]
BSTH
Section
-
-
-
Section 7.11.1
Section 7.11.2
Section 7.11.3
Section 7.11.4
Table 36. Battery_switch - battery switch control (address 26h) bit description
7.11.1 BSOFF: battery switch on/off control
Bit
Symbol
Value
Description
battery switch on/off
0[1]
enable battery switch feature
4
BSOFF
1
disable battery switch feature
Table 37. BSOFF bit - battery switch control (address 26h) bit description
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
39 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com