Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 56 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 52Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 53Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 54Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 55Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 56Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 57Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 58Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 59Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
aaa-010477
OSCILLATOR
OSCILLATOR STOP
DETECTOR
setting the OS flag
div 4
32768 Hz
8192 Hz
stop(1)
PRESCALER
RESET
0
1
100 Hz tick
1 Hz tick
CPR
1. stop is a combination of STOP register bit and the TS pin when programmed for stop control.
Figure 30. CPR and STOP bit functional diagram
The stop signal blocks the 8.192 kHz clock from generating system clocks and freezes
the time. In this state, the prescaler can be cleared with the CPR command in the Resets
register (Section 7.15).
Remark: The output of clock frequencies is not affected.
The time circuits can then be set and do not increment until the STOP bit is released.
The stop acts on the 8.192 kHz signal. And because the I2C-bus or TS pin input is
asynchronous to the crystal oscillator, the accuracy of restarting the time circuits is
between zero and one 8.192 kHz cycle (see Figure 31).
aaa-004417
0 µs to 122 µs
8192 Hz
stop released
Figure 31. STOP release timing
The first increment of the time circuits is between 0 s and 122 μs after STOP is released.
The flow for accurately setting the time in RTC mode is:
• start an I2C access at register 2Eh
• set STOP bit
• send CPR instruction
• address counter rolls over to address 00h
• set time (100th seconds, seconds to years)
• end I2C access
• wait for external time reference to indicate that time counting should start
• start an I2C access at register 2Eh
• clear STOP bit (time starts counting from now)
• end I2C access
The flow for resetting time in stop-watch mode is:
• start an I2C access at register 2Eh
• set STOP bit
• send CPR instruction
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
56 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com