Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF85363ATL/A Datasheet HTML 24Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 25Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 26Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 27Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 28Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 29Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 30Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 31Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
Bit positions labeled as - are not implemented and return 0 when read.
Upper-digit (ten’s place)
Digit (unit place)
Address Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1Eh
TSR3_minutes
-
0 to 5
0 to 9
AMPM 0 to 1 0 to 9
1Fh
TSR3_hours
-
-
0 to 2
0 to 9
20h
TSR3_days
-
-
0 to 3
0 to 9
21h
TSR3_months
-
-
-
0 to 1 0 to 9
22h
TSR3_years
0 to 9
0 to 9
Table 20. Timestamp registers in RTC mode (RTCM = 0)...continued
Bit positions labeled as - are not implemented and return 0 when read.
Upper-digit (ten’s place)
Digit (unit place)
Address Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Stop-watch timestamp1 (TSR1)
11h
TSR1_seconds
-
0 to 5
0 to 9
12h
TSR1_minutes
-
0 to 5
0 to 9
13h
TSR1_hr_xx_xx_00 0 to 9
0 to 9
14h
TSR1_hr_xx_00_xx 0 to 9
0 to 9
15h
TSR1_hr_00_xx_xx 0 to 9
0 to 9
16h
not used
-
-
-
-
-
-
-
-
Stop-watch timestamp2 (TSR2)
17h
TSR2_seconds
-
0 to 5
0 to 9
18h
TSR2_minutes
-
0 to 5
0 to 9
19h
TSR2_hr_xx_xx_00 0 to 9
0 to 9
1Ah
TSR2_hr_xx_00_xx 0 to 9
0 to 9
1Bh
TSR2_hr_00_xx_xx 0 to 9
0 to 9
1Ch
not used
-
-
-
-
-
-
-
-
Stop-watch timestamp3 (TSR3)
1Dh
TSR3_seconds
-
0 to 5
0 to 9
1Eh
TSR3_minutes
-
0 to 5
0 to 9
1Fh
TSR3_hr_xx_xx_00 0 to 9
0 to 9
20h
TSR3_hr_xx_00_xx 0 to 9
0 to 9
21h
TSR3_hr_00_xx_xx 0 to 9
0 to 9
22h
not used
-
-
-
-
-
-
-
-
Table 21. timestamp registers in stop-watch mode (RTCM = 1)
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
28 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com