Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85363ATL/A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF85363ATL/A
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/A Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF85363ATL/A Datasheet HTML 1Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 2Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 3Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 4Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 5Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 6Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 7Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 8Page - NXP Semiconductors PCF85363ATL/A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
6.2 Pin description
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Description
Symbol
PCF85363ATL
(DFN2626-10)
PCF85363ATT
(TSSOP8)
PCF85363ATT1
(TSSOP10)
Type
Primary use
Secondary use
OSCI
1
1
1
input
oscillator input
-
OSCO
2
2
2
output
oscillator output
-
VBAT
3
3
3
supply
battery backup supply voltage [1]
-
can be configured with TSPM[1:0] [2]
TS (CLK/INTB)
4
-
4
input/
output
timestamp input
INTB and CLK output (push-
pull); stop-watch control
VSS
5 [3]
4
5
supply
ground supply voltage
-
SDA
6
5
6
input/
output
serial data line
-
SCL
7
6
7
input
serial clock input
-
CLK
8
-
8
output
CLK (push-pull)
-
can be configured with INTAPM[1:0] [2]
INTA (CLK)
9
7
9
output
interrupt output (open-drain)
CLK output (open-drain)
VDD
10
8
10
supply
supply voltage
-
Table 3. Pin description
[1]
Connect to VDD if not used.
[2]
See Table 6 and Table 46.
[3]
The die paddle (exposed pad) is connected to VSS through high ohmic (non-conductive) silicon attach and should be electrically isolated. It is good
engineering practice to solder the exposed pad to an electrically isolated PCB copper pad as shown in Figure 43 for better heat transfer but it is not
required as the RTC doesn’t consume much power. In no case should traces be run under the package exposed pad.
7 Functional description
The PCF85363A contains 8-bit registers for time information, for timestamp information
and registers for system configuration. Included is an auto-incrementing register address,
an on-chip 32.768 kHz oscillator with integrated capacitors, a frequency divider which
provides the source clock for the Real-Time Clock (RTC) and calender, and an I2C-bus
interface with a maximum data rate of 400 kbit/s.
The built-in address register will increment automatically after each read or write of a
data byte. After register 2Fh, the auto-incrementing will wrap around to address 00h.
When the RAM is accessed, the wrap around will happen after address 7Fh, (see
Figure 5).
address register
00h
auto-increment
wrap around
01h
02h
03h
...
2Dh
2Eh
2Fh
address register
40h
auto-increment
wrap around
41h
42h
43h
...
7Dh
7Eh
7Fh
Time and configuration
registers
RAM registers
aaa-011066
Figure 5. Address register incrementing
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
5 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com